Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW-HP-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CRCW-HP-E3
Description  Pulse Proof, High Power Thick Film Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW-HP-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button CRCW-HP-E3 Datasheet HTML 2Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 3Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 4Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 5Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 6Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 7Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 8Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 9Page - Vishay Siliconix CRCW-HP-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CRCW-HP e3
www.vishay.com
Vishay Draloric
Revision: 16-Sep-16
6
Document Number: 20043
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Pulse Voltage
Maximum pulse voltage, single and continuous pulses; applicable if
;
for permissible resistance change equivalent to 8000 h operation
Derating
10
100
1000
10000
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Axis Title
t
i - Pulse Duration (s)
2nd line
2512
1206, 1210, 1218
0805
2010
0603
0402
P
ˆ
P
ˆ
ma x
.
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Axis Title
ϑ
amb - Ambient Temperature (°C)
2nd line
70
CRCW1218-HP, CRCW2512-HP
CRCW2010-HP
CRCW1206-HP, CRCW1210-HP
CRCW0805-HP
CRCW0603-HP
CRCW0402-HP
0
50
100
150
-50


Similar Part No. - CRCW-HP-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW-HP VISHAY-CRCW-HP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW-HPe3 VISHAY-CRCW-HPe3 Datasheet
113Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 26-Mar-10
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
More results

Similar Description - CRCW-HP-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW080518R0FKEAHP VISHAY-CRCW080518R0FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCWHPE3 VISHAY-CRCWHPE3 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0603562RFKEAHP VISHAY-CRCW0603562RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW0603820RFKEAHP VISHAY-CRCW0603820RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
CRCW0402220RFKEAHP VISHAY-CRCW0402220RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW12100000Z0EAHP VISHAY-CRCW12100000Z0EAHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW25121R05FKEGHP VISHAY-CRCW25121R05FKEGHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com