Electronic Components Datasheet Search |
|
AC1206DR-071M Datasheet(PDF) 2 Page - YAGEO Corporation |
|
AC1206DR-071M Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 12 page Chip Resistor Surface Mount www.yageo.com Nov. 02, 2016 V.5 Product specification 2 12 SERIES AC 0201 to 2512 ORDERING INFORMATION - GLOBAL PART NUMBER Part number is identified by the series name, size, tolerance, packaging type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes AC0201 to AC2512 chip resistors with lead- free terminations made by thick film process. APPLICATIONS All general purpose applications Car electronics, industrial application FEATURES AEC-Q200 qualified Moisture sensitivity level: MSL 1 AC series soldering is compliant with J-STD-020D Halogen free epoxy RoHS compliant - Products with lead-free terminations meet RoHS requirements - Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS Reduce environmentally hazardous waste High component and equipment reliability The resistors are 100% performed by automatic optical inspection prior to taping. ORDERING EXAMPLE The ordering code for an AC0402 chip resistor, value 100 KΩ with ±1% tolerance, supplied in 7-inch tape reel is: AC0402FR-07100KL. NOTE 1. All our R-Chip products are RoHS compliant and Halogen free. "LFP" of the internal 2D reel label states "Lead-Free Process". 2. On customized label, "LFP" or specific symbol can be printed. 3. AC series with ±0.5% tolerance is also available. For further information, please contact sales. Resistance rule of global part number Resistance coding rule Example XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω 976R = 976 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω XXMX (10 MΩ) 10M = 10,000,000 Ω GLOBAL PART NUMBER AC XXXX X X X XX XXXX L (1) (2) (3) (4) (5) (6) (7) (1) SIZE 0201/ 0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512 (2) TOLERANCE D = ± 0.5% F = ± 1% J = ± 5% (for Jumper ordering, use code of J) (3) PACKAGING TYPE R = Paper taping reel K = Embossed taping reel (4) TEMPERATURE COEFFICIENT OF RESISTANCE – = Base on spec (5) TAPING REEL 07 = 7 inch dia. Reel 13 = 13 inch dia. Reel 7W = 7 inch dia. Reel & 2 x standard power (6) RESISTANCE VALUE 1Ω to 22 MΩ There are 2~4 digits indicated the resistance value. Letter R/K/M is decimal point, no need to mention the last zero after R/K/M, e.g.1K2, not 1K20. Detailed coding rules of resistance are shown in the table of “Resistance rule of global part number”. (7) DEFAULT CODE Letter L is the system default code for ordering only. (Note) |
Similar Part No. - AC1206DR-071M |
|
Similar Description - AC1206DR-071M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |