Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

434121025816 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 434121025816
Description  WS-TASV,6,0x3,8mm Tact Switch, SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

434121025816 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  434121025816 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
b
Bounce 10ms max. 14-04-11 DaF
c
revised MatchCode 14-07-24
AL
WS-TASV,6,0x3,8mm Tact Switch, SMD version
4341x10258xx
4341x10258xx.dft
10-07-08
Jelisarow
5:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-10-28
warning text
a
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where higher
safety and reliability are especially required or if there is possibility of
direct damage or injury to human body, Wurth Elektronik must be asked
for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions
or performance, the sufficient reliability evaluation-check for the safety
must be performed before by the user before usage.
10-07-08
Hsu
14-11-04
remove Contact cladding
d
DaF
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
50mA, 12VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
1OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Stroke:
0.25 +/- 0.1 mm
>Bounce:
10ms max.
MATERIAL
>Cover:
Stainless Steel
>Stem:
LCP UL 94V-0
>Frame:
LCP UL 94V-0, color Black
>Contact: Stainless Steel with silver
>Terminal: copper alloy with silver plating
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to JEDEC J-STD 020 Hot Air
>Hand soldering under 350°C for 3 sec. max
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape & Reel
5,0
8,0
1
2
P.C.B. MOUNTING PLAN
SCHEMATIC
1
2
Scale - 5:1
1
2
6,0
7,3 ±0,15
3,9
3,8
1,9
O
h 0,10 Ref.
PN
Force
Color of Stem Life cycle
434 121 025 816
160g ± 50gf
Black
50.000
434 111 025 826
260g ± 70gf
White
30.000


Similar Part No. - 434121025816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
434121025816 WURTH-434121025816 Datasheet
94Kb / 1P
   WS-TASV,6,0x3,8mm Tact Switch, SMD version
More results

Similar Description - 434121025816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
434121025816 WURTH-434121025816 Datasheet
94Kb / 1P
   WS-TASV,6,0x3,8mm Tact Switch, SMD version
434123025816 WURTH-434123025816 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
434113025826 WURTH-434113025826 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
430181038816 WURTH-430181038816 Datasheet
109Kb / 1P
   WS-TASV 4,5x4,5mm Tact Switch, SMD version
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
434153017835 WURTH-434153017835 Datasheet
108Kb / 1P
   WS-TASV Tact Switch J-Bend SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com