Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC2681AC1N28 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SCC2681AC1N28
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681AC1N28 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SCC2681AC1N28 Datasheet HTML 2Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 3Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 4Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 5Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 6Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 7Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 8Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 9Page - NXP Semiconductors SCC2681AC1N28 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
6
AC CHARACTERISTICS
Tamb = –40 °C to +85 °C1; VCC = +5.0 V ± 10% 2, 3, 4, 5
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Typ
Max
UNIT
Reset Timing (Figure 3)
tRES
RESET pulse width
200
ns
Bus Timing (Figure 4)6
tAS
A0-A3 set-up time to RDN, WRN LOW
10
ns
tAH
A0-A3 hold time from RDN, WRN LOW
100
ns
tCS
CEN set-up time to RDN, WRN LOW
0
ns
tCH
CEN hold time from RDN, WRN HIGH
0
ns
tRW
WRN, RDN pulse width
225
ns
tDD
Data valid after RDN LOW
175
ns
tDF
Data bus floating after RDN HIGH
100
ns
tDS
Data set-up time before WRN HIGH
100
ns
tDH
Data hold time after WRN HIGH
20
ns
tRWD
HIGH time between READs and/or WRITE7, 8
200
ns
Port Timing (Figure 5)6
tPS
Port input set-up time before RDN LOW
0
ns
tPH
Port input hold time after RDN HIGH
0
ns
tPD
Port output valid after WRN HIGH
400
ns
Interrupt Timing (Figure 6)
tIR
INTRN (or OP3-OP7 when used as interrupts) negated from:
Read RHR (RxRDY/FFULL interrupt)
300
ns
Write THR (TxRDY interrupt)
300
ns
Reset command (delta break interrupt)
300
ns
Stop C/T command (counter interrupt)
300
ns
Read IPCR (input port change interrupt)
300
ns
Write IMR (clear of interrupt mask bit)
300
ns
Clock Timing (Figure 7)10
tCLK
X1/CLK HIGH or LOW time
100
ns
fCLK
X1/CLK frequency
1.0
3.6864
4.0
MHz
tCTC
CTCLK (IP2) HIGH or LOW time
100
ns
fCTC
CTCLK (IP2) frequency
0
4.0
MHz
tRX9
RxC HIGH or LOW time
220
ns
fRX9
RxC frequency (16
×)
(1
×)
0
0
2.0
1.0
MHz
MHz
tTX9
TxC HIGH or LOW time
220
ns
fTX9
TxC frequency (16
×)
(1
×)
0
0
2.0
1.0
MHz
MHz
Transmitter Timing (Figure 8)
tTXD9
TxD output delay from TxC external clock input on IP pin
350
ns
tTCS9
Output delay from TxC LOW at OP pin to TxD data output
0
150
ns
Receiver Timing (Figure 10)
tRXS9
RxD data setup time before RxC HIGH at external clock input on IP pin
240
ns
tRXH9
RxD data hold time after RxC HIGH at external clock input on IP pin
200
ns
NOTES:
1. For operating at elevated temperatures, the device must be derated based on +150
°C maximum junction temperature.
2. Parameters are valid over specified temperature range.
3. All voltage measurements are referenced to ground (GND). For testing, all inputs except X1/CLK swing between 0.4 V and 2.4 V with a
transition time of
≤ 20 ns. For X1/CLK this swing is between 0.4 V and 4.4 V. All time measurements are referenced at input voltages of
0.8 V and 2.0 V as appropriate.
4. Typical values are at +25
°C, typical supply voltages, and typical processing parameters.
5. Test condition for outputs: CL = 150 pF, except interrupt outputs. Test condition for interrupt outputs: CL = 50 pF, RL = 2.7 kΩ to VCC.
6. Timing is illustrated and referenced to the WRN and RDN inputs. The device may also be operated with CEN as the ‘strobing’ input. In this
case, all timing specifications apply referenced to the falling and rising edges of CEN, CEN and RDN (also CEN and WRN) are ANDed
internally. As a consequence, the signal asserted last initiates the cycle and the signal negated first terminates the cycle.
7. If CEN is used as the ‘strobing’ input, the parameter defines the minimum HIGH times between one CEN and the next. The RDN signal must
be negated for tRWD to guarantee that any status register changes are valid.


Similar Part No. - SCC2681AC1N28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681AC1N28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com