Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC2681AE1N40 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SCC2681AE1N40
Description  Dual asynchronous receiver/transmitter (DUART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2681AE1N40 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SCC2681AE1N40 Datasheet HTML 5Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 6Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 7Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 8Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 9Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 10Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 11Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 12Page - NXP Semiconductors SCC2681AE1N40 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Philips Semiconductors
Product data
SCC2681
Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
9
Output Port
The output port pins may be controlled by the OPR, OPCR, MR and
CR registers. Via appropriate programming they may be just another
parallel port to external circuits, or they may represent many internal
conditions of the UART. When this 8-bit port is used as a general
purpose output port, the output port pins drive a state which is the
complement of the Output Port Register (OPR). OPR(n) = 1 results
in OP(n) = LOW and vice versa. Bits of the OPR can be individually
set and reset. A bit is set by performing a write operation at address
0xE with the accompanying data specifying the bits to be set
(1 = set, 0 = no change).
Likewise, a bit is reset by a write at address 0xF with the
accompanying data specifying the bits to be reset (1 = reset,
0 = no change).
Outputs can be also individually assigned specific functions by
appropriate programming of the Channel A mode registers (MR1A,
MR2A), the Channel B mode registers (MR1B, MR2B), and the
Output Port Configuration Register (OPCR).
Please note that these pins drive both HIGH and LOW. However
when they are programmed to represent interrupt type functions
(such as receiver ready, transmitter ready, DMA signals or
counter/timer ready) they will be switched to an open drain
configuration in which case an external pull-up device would be
required.
TRANSMITTER OPERATION
The SCC2681 is conditioned to transmit data when the transmitter is
enabled through the command register. The SCC2681 indicates to
the CPU that it is ready to accept a character by setting the TxRDY
bit in the status register. This condition can be programmed to
generate an interrupt request at OP6 or OP7 and INTRN. When a
character is loaded into the Transmit Holding Register (THR), the
above conditions are negated. Data is transferred from the holding
register to transmit shift register when it is idle or has completed
transmission of the previous character. The TxRDY conditions are
then asserted again which means one full character time of buffering
is provided. Characters cannot be loaded into the THR while the
transmitter is disabled.
The transmitter converts the parallel data from the CPU to a serial
bit stream on the TxD output pin. It automatically sends a start bit
followed by the programmed number of data bits, an optional parity
bit, and the programmed number of stop bits. The least significant
bit is sent first. Following the transmission of the stop bits, if a new
character is not available in the THR, the TxD output remains HIGH
and the TxEMT bit in the Status Register (SR) will be set to 1.
Transmission resumes and the TxEMT bit is cleared when the CPU
loads a new character into the THR.
If the transmitter is disabled, it continues operating until the
character currently being transmitted is completely sent out. The
transmitter can be forced to send a continuous LOW condition by
issuing a send break command.
The transmitter can be reset through a software command (0x30). If
it is reset, operation ceases immediately and the transmitter must be
enabled through the command register before resuming operation. If
CTS operation is enable, the CTSN input must be LOW in order for
the character to be transmitted. If it goes HIGH in the middle of a
transmission, the character in the shift register is transmitted and
TxDA then remains in the marking state until CTSN goes LOW. The
transmitter can also control the deactivation of the RTSN output. If
programmed, the RTSN output will be reset one bit time after the
character in the transmit shift register and transmit holding register
(if any) are completely transmitted, if the transmitter has been disabled.
Receiver
The SCC2681 is conditioned to receive data when enabled through
the command register. The receiver looks for a HIGH-to-LOW
(mark-to-space) transition of the start bit on the RxD input pin. If a
transition is detected, the state of the RxD pin is sampled each 16
×
clock for 7 1/2 clocks (16
× clock mode) or at the next rising edge of
the bit time clock (1
× clock mode). If RxD is sampled HIGH, the start
bit is invalid and the search for a valid start bit begins again. If RxD
is still LOW, a valid start bit is assumed and the receiver continues
to sample the input at one bit time intervals at the theoretical center
of the bit, until the proper number of data bits and parity bit (if any)
have been assembled, and one stop bit has been detected. The
least significant bit is received first. The data is then transferred to the
Receive Holding Register (RHR) and the RxRDY bit in the SR is set
to a 1. This condition can be programmed to generate an interrupt at
OP4 or OP5 and INTRN. If the character length is less than eight
bits, the most significant unused bits in the RHR are set to zero.
After the stop bit is detected, the receiver will immediately look for
the next start bit. However, if a non-zero character was received
without a stop bit (framing error) and RxD remains LOW for one half
of the bit period after the stop bit was sampled, then the receiver
operates as if a new start bit transition had been detected at that
point (one-half bit time after the stop bit was sampled).
The parity error, framing error, overrun error and received break
state (if any) are strobed into the SR at the received character
boundary, before the RxRDY status bit is set. If a break condition is
detected (RxD is LOW for the entire character including the stop bit),
a character consisting of all zeros will be loaded into the RHR and
the received break bit in the SR is set to 1. The RxD input must
return to HIGH for two (2) clock edges of the X1 crystal clock for the
receiver to recognize the end of the break condition and begin the
search for a start bit. This will usually require a HIGH time of one
X1 clock period or 3 X1 edges since the clock of the controller
is not synchronous to the X1 clock.
Receiver FIFO
The RHR consists of a First-In-First-Out (FIFO) stack with a capacity
of three characters. Data is loaded from the receive shift register
into the top most empty position of the FIFO. The RxRDY bit in the
status register is set whenever one or more characters are available
to be read, and a FFULL status bit is set if all three stack positions
are filled with data. Either of these bits can be selected to cause an
interrupt. A read of the RHR outputs the data at the top of the FIFO.
After the read cycle, the data FIFO and its associated status bits
(see below) are ‘popped’ thus emptying a FIFO position for new data.
Receiver Status Bits
In addition to the data word, three status bits (parity error, framing
error, and received break) are also appended to each data character
in the FIFO (overrun is not). Status can be provided in two ways, as
programmed by the error mode control bit in the mode register. In
the ‘character’ mode, status is provided on a character-by-character
basis; the status applies only to the character at the top of the FIFO.
In the ‘block’ mode, the status provided in the SR for these three bits
is the logical-OR of the status for all characters coming to the top of
the FIFO since the last ‘reset error’ command was issued. In either
mode reading the SR does not affect the FIFO. The FIFO is
‘popped’ only when the RHR is read. Therefore the status register
should be read prior to reading the FIFO.
If the FIFO is full when a new character is received, that character is
held in the receive shift register until a FIFO position is available. If
an additional character is received while this state exits, the
contents of the FIFO are not affected; the character previously in the


Similar Part No. - SCC2681AE1N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCC2681TC1A44 PHILIPS-SCC2681TC1A44 Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results

Similar Description - SCC2681AE1N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
SCN68681 PHILIPS-SCN68681 Datasheet
187Kb / 28P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68692 PHILIPS-SCC68692 Datasheet
193Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC2692 PHILIPS-SCC2692 Datasheet
209Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCN2681 PHILIPS-SCN2681 Datasheet
205Kb / 30P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L92 PHILIPS-SC28L92 Datasheet
284Kb / 44P
   3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
2000 Jan 21
SC28L92 NXP-SC28L92 Datasheet
349Kb / 73P
   3.3 V/5.0 V Dual Universal Asynchronous Receiver/Transmitter (DUART)
Rev. 07-19 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com