Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH5440 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SFH5440
Description  Schmitt-Trigger IC im Smart DIL GehAuse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SFH5440 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SFH5440 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFH5440 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFH5440 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFH5440 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFH5440 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFH5440 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SFH 5440, SFH 5441
2000-09-05
5
Relative Threshold
E
e, ON/Ee, ON (Vcc = 5 V) = f (VCC)
Output Voltage
V
OL = f (IOUT, VCC)
OHF00507
0.5
0
5
10
15
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.5
V
E
VCC
e, ON
E
e, ON_5 V
OHF00512
0
010
20
30
40
50
mA
5 V
OUT
I
0.5
1
1.5
2
2.5
3
3.5
OL
V
V
10 V
15 V
20 V
Supply Current
I
CC = f (VCC)
Supply Current vs. Ambient
Temperature
I
CC = f (TA, VCC)
OHF00510
0
0
5
10
15
20
V
1
2
3
4
mA
6
CC
I
VCC
OHF00514
0
-25
1
2
3
4
mA
6
CC
I
A
T
0
25
50
75
100
˚C
CC
V = 5 V
5
= 10 V
CC
V
= 20 V
VCC
= 15 V
VCC
Total Power Dissipation
P
tot = f (TA)
OHF01322
0
0
tot
P
A
T
20
40
60
80 ˚C 100
20
40
60
80
100
120
140
160
200
mW


Similar Part No. - SFH5440

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5440 OSRAM-SFH5440 Datasheet
145Kb / 7P
   Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
   Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - SFH5440

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
   Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
   Schmitt-Trigger IC in Smart DIL Package
SFH9340 OSRAM-SFH9340 Datasheet
70Kb / 8P
   Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
   Gabellichtschranke mit Schmitt-Trigger IC
SFH3400 OSRAM-SFH3400 Datasheet
644Kb / 13P
   Smart DIL
SFH-3400 OSRAM-SFH-3400 Datasheet
644Kb / 13P
   Smart DIL
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
   SCHMITT TRIGGER
TC4S584F TOSHIBA-TC4S584F Datasheet
182Kb / 4P
   SCHMITT TRIGGER
logo
Microsemi Corporation
TSC367 MICROSEMI-TSC367 Datasheet
1Mb / 6P
   Schmitt Trigger
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_01 Datasheet
203Kb / 5P
   SCHMITT TRIGGER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com