Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4341x3xxx8x6 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 4341x3xxx8x6
Description  WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

4341x3xxx8x6 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  4341x3xxx8x6 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
b
Bounce 10ms max. 14-04-11 DaF
c
revised MatchCode 14-07-24
AL
WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
4341x3xxx8x6
4341x3xxx8x6.dft
10-07-08
Jelisarow
5:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-10-28
warning text
a
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where
higher safety and reliability are especially required or if there is possibility
of direct damage or injury to human body, Wurth Elektronik must be
asked for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions
or performance, the sufficient reliability evaluation-check for the safety
must be performed before by the user before usage.
10-07-08
Hsu
14-11-04
remove Contact cladding
d
DaF
3,4
P.C.B. Layout
1
2
Schematic
1
2
Scale - 5:1
6,0
3,0
1,5
3,5
7,4
7,2
u0,2
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
50mA, 12VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
1OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Stroke:
0.25 +/- 0.1 mm
>Bounce:
10ms max.
MATERIAL
>Cover:
Stainless Steel
>Stem:
LCP UL 94V-0
>Frame:
LCP UL 94V-0
>Contact: Stainless Steel with silver
>Terminal: brass with silver plating
SOLDERING INFORMATION
>Terminal in SMD version
>Reflow soldering according to JEDEC J-STD 020 Hot Air
>Hand soldering under 350°C for 3 sec. max
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Tape & Reel
PN
Force
Color of Stem Life cycle
434 123 xxx 816
160g ± 50gf
Black
50.000
-043
-050
434 113 xxx 826
260g ± 70gf
White
30.000
-043
-050
434 123 xxx 836
360g ± 90gf
Salmon
50.000
-043
-050
Height
H


Similar Part No. - 4341x3xxx8x6

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4341x3xxx8x6 WURTH-4341x3xxx8x6 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
4341x3xxx8x6 WURTH-4341x3xxx8x6 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
4341x3xxx8x6 WURTH-4341x3xxx8x6 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
More results

Similar Description - 4341x3xxx8x6

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
434123050816 WURTH-434123050816 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
434113043826 WURTH-434113043826 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
434113050826 WURTH-434113050826 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
434123043816 WURTH-434123043816 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
434123050836 WURTH-434123050836 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_J-Bend SMD version
434121043836 WURTH-434121043836 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_SMD version
434111043826 WURTH-434111043826 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_SMD version
434111050826 WURTH-434111050826 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_SMD version
434121043816 WURTH-434121043816 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_SMD version
434121050836 WURTH-434121050836 Datasheet
93Kb / 1P
   WS-TASV 6,0x3,5mm Tact Switch_SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com