Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFU7N70S Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFU7N70S
Description  Super-Junction Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFU7N70S Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFU7N70S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU7N70S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU7N70S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU7N70S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU7N70S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU7N70S Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
WF
WF
WF
WFU7
U7
U7
U7N
N
N
N70
70
70
70S
S
S
S
5/6
Fig.12 Gate Charge Test Circuit & Waveform
Fig.13 Switching Test Circuit & Waveforms
Fig.14 Unclamped Inductive Switching Test Circuit & Waveform
1 0 m A
V
G S
D U T
V
G S
V
D S
1 0 V
Ch a rg e
R L
Q g s
Qg d
Qg
1 0 V
R
G
V
G S
V
D S
R
L
V
D S
V
G S
D U T
9 0 %
1 0 %
td(on)
tr
td(off)
t
o n
to ff
tf
V
D D
V d s
I d
V g s
R g
V g s
V g s
D U T
L
V d d
V D C
+
-
V d s
I d
V g s
B VD S S
IA R
E =1/2LI
A R
A R
2


Similar Part No. - WFU7N70S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFU7N65S WINSEMI-WFU7N65S Datasheet
257Kb / 6P
   Super-Junction Power MOSFET
More results

Similar Description - WFU7N70S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFU4N65S WINSEMI-WFU4N65S Datasheet
152Kb / 7P
   Super-Junction Power MOSFET
WFD4N65S WINSEMI-WFD4N65S Datasheet
172Kb / 7P
   Super-Junction Power MOSFET
WFU7N65S WINSEMI-WFU7N65S Datasheet
257Kb / 6P
   Super-Junction Power MOSFET
WFD7N65S WINSEMI-WFD7N65S Datasheet
276Kb / 6P
   650V Super-Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA60R150C WUMC-TPA60R150C Datasheet
1Mb / 10P
   600V Super-Junction Power MOSFET
TPA60R580C WUMC-TPA60R580C Datasheet
1Mb / 12P
   600V Super-Junction Power MOSFET
TPA70R450C WUMC-TPA70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
TPD65R380C WUMC-TPD65R380C Datasheet
1Mb / 12P
   650V Super-Junction Power MOSFET
TPU70R450C WUMC-TPU70R450C Datasheet
1Mb / 12P
   700V Super-Junction Power MOSFET
logo
Shenzhen Winsemi Microe...
WFF4N65S WINSEMI-WFF4N65S Datasheet
154Kb / 7P
   650V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com