Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFR5101G1000J11L4BULK Datasheet(PDF) 10 Page - Kemet Corporation

Part # PFR5101G1000J11L4BULK
Description  PFR Series Polypropylene Film/Foil, Radial
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PFR5101G1000J11L4BULK Datasheet(HTML) 10 Page - Kemet Corporation

Back Button PFR5101G1000J11L4BULK Datasheet HTML 4Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 5Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 6Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 7Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 8Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 9Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 10Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 11Page - Kemet Corporation PFR5101G1000J11L4BULK Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3036_PFR • 9/19/2016 10
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PFR Series Polypropylene Film/Foil, Radial
Lead Taping & Packaging (IEC 60286–2)
Taping Specification
Dimensions in mm
Standard IEC
60286–2
Lead spacing
+6/−0.1
F
5
7.5
Formed 7.5
10
15
22.5
27.5
F
Carrier tape width
+/−0.5
W
18
18
18
18
18
18
18
18+1/-0.5
Hold-down tape width
+/−0.3
W
0
9
9
9
12
12
12
12
Position of sprocket hole
+/−0.5
W
1
9
9
9
9
9
9
9
9+0.75/-0.5
Distance between tapes Maximum
W
2
3
3
3
3
3
3
3
3
Sprocket hole diameter
+/−0.2
D
0
4
4
4
4
4
4
4
4
Feed hole lead spacing
+/−0.3
P
0
(1)
12.7
12.7
12.7(4)
12.7
12.7
12.7
12.7
12.7
Distance lead – feed hole
+/−0.7
P
1
3.85
3.75
3.75
7.7
5.2
5.3
5.3
P1
Deviation tape – plane Maximum
Δp
1.3
1.3
1.3
1.3
1.3
1.3
1.3
1.3
Lateral deviation Maximum
Δh
2
2
2
2
2
2
2
2
Total thickness
+/−0.2
t
0.7
0.7
0.7
0.7
0.7
0.9MAX
0.9MAX
0.9MAX
Sprocket hole/cap body
Nominal
H
0
(2)
18.5+/-0.5 18.5+/-0.5
18.5+/-0.5
18.5+/-0.5 18.5+/-0.5 18.5+/-0.5 18.5+/-0.5
18+2/-0
Sprocket hole/top of cap
body Maximum
H
1
(3)
32
31
43
43
43
58
58
58MAX
(1) Maximum cumulative feed hole error, 1 mm per 20 parts.
(2) 16.5 mm available on request.
(3) Depending on case size.
(4) 15 mm available on request.
Lead Spacing 5 mm
Lead Spacing 7.5 mm
Lead Spacing 10 – 15mm
Lead Spacing 22.5 – 27.5 mm
Formed Leads from 10 and 15 mm to 7.5 mm
0
0
0
0
0


Similar Part No. - PFR5101G1000J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PFR5151J1000J11L4BULK KEMET-PFR5151J1000J11L4BULK Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PFR/F411, 150 pF, 5%, 1,000 V, 85C, Lead Spacing = 5mm
More results

Similar Description - PFR5101G1000J11L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448RB4150JR06 KEMET-PHE448RB4150JR06 Datasheet
2Mb / 13P
   PHE448 Series Polypropylene Film/Foil, Radial
R73EI2470AA00H KEMET-R73EI2470AA00H Datasheet
1Mb / 20P
   R73 Series Polypropylene Film/Foil, Radial (Automotive Grade)
logo
List of Unclassifed Man...
2013S ETC2-2013S Datasheet
29Kb / 1P
   POLYPROPYLENE FILM & FOIL RADIAL EPOXY DIP, SERIES WOUND
logo
RFE international
PPS222J3A RFE-PPS222J3A Datasheet
85Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPS Series: High Voltage Radial Dipped, Film Foil
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com