Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMR0J223ZFTP16 Datasheet(PDF) 3 Page - Kemet Corporation

Part # FMR0J223ZFTP16
Description  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FMR0J223ZFTP16 Datasheet(HTML) 3 Page - Kemet Corporation

  FMR0J223ZFTP16 Datasheet HTML 1Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 2Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 3Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 4Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 5Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 6Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 7Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 8Page - Kemet Corporation FMR0J223ZFTP16 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Performance Characteristics
Supercapacitorsshouldnotbeusedforapplicationssuchasrippleabsorptionbecauseoftheirhighinternalresistance
(severalhundredmΩtoahundredΩ)comparedtoaluminumelectrolyticcapacitors.Thus,itsmainusewouldbe
similartothatofsecondarybatterysuchaspowerback-upinDCcircuit.Thefollowinglistshowsthecharacteristicsof
supercapacitorsascomparedtoaluminumelectrolyticcapacitorsforpowerback-upandsecondarybatteries.
Secondary Battery
Capacitor
NiCd
Lithium Ion
AluminumElectrolytic
Supercapacitor
Back-upability
Eco-hazard
Cd
Operating Temperature Range
−20to+60°C
−20to+50°C
−55to+105°C
−40to+85°C(FR,FT)
Charge Time
few hours
few hours
few seconds
few seconds
Charge/Discharge Life Time approximately500times approximately500to1,000
times
limitless(*1)
limitless(*1)
Restrictions on
Charge/Discharge
yes
yes
none
none
Flow Soldering
notapplicable
notapplicable
applicable
applicable
AutomaticMounting
notapplicable
notapplicable
applicable
applicable
(FMandFCseries)
SafetyRisks
leakage, explosion
leakage,combustion,
explosion, ignition
heat-up, explosion
gasemission(*2)
(*1) Aluminum electrolytic capacitors and supercapacitors have limited lifetime. However, when used under proper conditions, both can operate within a
predetermined lifetime.
(*2) There is no harm as it is a mere leak of water vapor which transitioned from water contained in the electrolyte (diluted sulfuric acid). However,
application of abnormal voltage surge exceeding maximum operating voltage may result in leakage and explosion.
Typical Applications
Intended Use (Guideline) Power Supply (Guideline)
Application
Examples of Equipment
Series
Longtimeback-up
500μAandbelow
CMOS microcomputer,
IC for clocks
CMOS microcomputer,
staticRAM/DTS
(digitaltuningsystem)
FM series
Environmental Compliance
AllKEMETsupercapacitorsareRoHSCompliant.
RoHS Compliant


Similar Part No. - FMR0J223ZFTP16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FMR0J223ZFTP16 KEMET-FMR0J223ZFTP16 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

Similar Description - FMR0J223ZFTP16

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com