Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFD2N60B Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFD2N60B
Description  Silicon N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFD2N60B Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFD2N60B Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFD2N60B Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/8
WFD2N60B Product Description
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Fig.1 On-Region Characteristics
Fig.2 Transfer characteristics
Fig.3 On Resistance variation vs Drain
Current and Gate Voltage
Fig.4 Body Diode Forward Voltage
Variation With Source Current
And temperature
Fig.5 Capacitance Characteristics
Fig.6 Gate Charge Characteristics
N o te s :
1 .2 5 0 u s p u ls e te s t
2 .Tc = 2 5 C
T o p
VG S
1 5 V
1 0 V
8 V
7 V
6 . 5 V
6 V
5 V
5 . 5 V
B o t t o m
1
1 0
0 . 1
1
V
[V ]
D S
150 C
25 C
Notes:
1.250us pulse test
2.V
= 40V
D S
2
4
6
8
1 0
0 . 1
1
1 0
V
[V]
G S
V
=10V
G S
V
=20V
G S
Note:T =25 C
J
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
3 . 0
3 . 5
4 . 0
4 . 5
5 . 0
5 . 5
6 . 0
6 . 5
7 . 0
7 . 5
I [A]
D
150 C
25 C
Notes:
1.250us pulse test
2.V
=0V
G S
0 . 4
0 . 5
0 . 6
0 . 7
0 . 8
0 . 9
1 . 0
1 . 1
1 . 2
1 . 3
0 . 1
1
V
[V]
S D
Ciss=Cgs+Cgd(Cds=shorted)
Coss= Cds+ Cgd
C rss= C gd
1 0- 1
Not es:
1. V DS = 0V
2. f = 1MHz
1 00
1 01
0
4 0
8 0
1 2 0
1 6 0
2 0 0
2 4 0
2 8 0
3 2 0
3 6 0
4 0 0
V
[V]
D S
Cis s
Cr s s
Co s s
Q
Toltal Gate Charge[nC]
g
0
1
2
3
4
5
0
2
4
6
8
1 0
1 2
V
=120V
D S
V
=480V
D S
V
=300V
D S


Similar Part No. - WFD2N60B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
   Silicon N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WFD2N60B VBSEMI-WFD2N60B Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - WFD2N60B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com