Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2748NL Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PA2748NL
Description  SMT Common Mode Chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2748NL Datasheet(HTML) 6 Page - Pulse A Technitrol Company

  PA2748NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2748NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2748NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2748NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2748NL Datasheet HTML 5Page - Pulse A Technitrol Company PA2748NL Datasheet HTML 6Page - Pulse A Technitrol Company PA2748NL Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P688.G (02/16)
6
pulseelectronics.com
SMT Common Mode Chokes
1.0A to 20.0A
Pulse Jack
E l e c t r o n i c s
19,05 MAX
7.62
2,03
17,02
11,94
11,2 MAX
0,127
16,89
21.1
Schematic
Makeni - PA2754NL, PA2755NL
LCCI-50 - PA2753NL and PA2756NL
Schematic
17.02
11.3±
16.76±
9.91
19.56 MAX
16.51±
Mechanicals


Similar Part No. - PA2748NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2748NL PULSE-PA2748NL Datasheet
1Mb / 6P
   SMT Common Mode Chokes
PA2748NL PULSE-PA2748NL Datasheet
1Mb / 7P
   SMT Common Mode Chokes
More results

Similar Description - PA2748NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0353NLT PULSE-P0353NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
H604 PULSE-H604 Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
PL8202NL PULSE-PL8202NL Datasheet
126Kb / 2P
   SMT COMMON MODE CHOKES
PL2477 PULSE-PL2477 Datasheet
460Kb / 2P
   SMT COMMON MODE CHOKES
logo
Allied Components Inter...
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
   SMT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
P0473T PULSE-P0473T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0351NLT PULSE-P0351NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0420T PULSE-P0420T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0473NLT PULSE-P0473NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0429NLT PULSE-P0429NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com