Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2753NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA2753NL
Description  SMT Common Mode Chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2753NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA2753NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2753NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2753NL Datasheet HTML 3Page - Pulse A Technitrol Company PA2753NL Datasheet HTML 4Page - Pulse A Technitrol Company PA2753NL Datasheet HTML 5Page - Pulse A Technitrol Company PA2753NL Datasheet HTML 6Page - Pulse A Technitrol Company PA2753NL Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P688.G (02/16)
1
pulseelectronics.com
SMT Common Mode Chokes
1.0A to 20.0A
Pulse Jack
E l e c t r o n i c s
Wide variety of package sizes available
1Arms to 20Arms current rating
Inductances from 61uH to 10mH
1500Vrms Hi-pot
Electrical Specifications at 25 deg C Temp Range -40 ° C to 130 ° C
Part Number
Inductance4
per Winding
(uH +30%/-35%)
Irated1
(Arms or Adc)
DCR per Winding
(m
Ω Max)
Leakage Inductance
(uH Min)
Package Name
Package Size
L x W x H
(mm Max)
PA2742NL
397
1
92
0.6
High Shasta
9.1 x 8.9 x 7.9
PA2741NL
94
1.1
30
0.3
Low Shasta
9.1 x 8.9 x 3.8
PA2752NL
10150
1.4
210
25
LCCI-50
19.6 x 17.0 x 9.9
PA2748NL
1125
1.8
55
3
Polecat
12.7 x 13.2 x 5.6
PA3927NL
800
3
27
1.5
Polecat
13x13x8.6
PA2743NL
383*
3.3
18
1
Polecat
13.0 x 13.0 x 5.6
PA2749NL
536
3.8
17.1
1.2
LCCI-37
16.4 x 14.2 x 8.9
PA2744NL
280
4
13.2
0.7
Polecat
13.0 x 13.0 x 5.6
PA2751NL
486
4.2
16
1
LCCI-44LP
18.2 x 15.0 x 7.6
PA2745NL
130*
5
6.75
0.4
Polecat
13.2 x 13.2 x 5.6
PA2746NL
96*
6
4.3
0.25
Polecat
13.2 x 13.2 x 5.6
PA2750NL
400
6
9.4
1.25
LCCI-44
18.2 x 15.0 x 10.0
PA2747NL
61*
7
2.9
0.15
Polecat
13.5 x 13.5 x 5.6
PA2756NL
484
8
7.7
1.5
LCCI-50
19.6 x 17.0 x 9.9
PA2757NL
1030
9
9.75
3
HCCI-80
31.0 x 25.4 x 12.7
PA2754NL
215
10
3.75
0.5
Makeni
21.1 x 19.1 x 11.2
PA2753NL
95
12.5
3
0.15
LCCI-50
19.6 x 17.0 x 9.9
PA2755NL
117
14
1.95
0.3
Makeni
21.1 x 19.1 x 11.2
PA2670NL
500
16
4.25
1.5
HCCI-80
31.0x25.4x12.7
PG1265NL
380
20
4.1
1.2
HCCI-80
31.0x25.4x12.7
NOTE:
1. The current rating (Irated) is based upon the temperature rise of the component and represents the rms current which will cause a typical temperature rise of 40C.
2. The temperature of the component (ambient plus temperature rise) must be within the stated operating temperature range.
3. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to the part number (i.e. PA2741NL becomes PA2741NLT). Pulse complies to industry standard tape and reel specification EIA481.
4. Components identified by an asterisk have an inductance tolerance of +/- 35%. All other components are +30/-35%.


Similar Part No. - PA2753NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2753NL PULSE-PA2753NL Datasheet
1Mb / 6P
   SMT Common Mode Chokes
PA2753NL PULSE-PA2753NL Datasheet
1Mb / 7P
   SMT Common Mode Chokes
More results

Similar Description - PA2753NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0353NLT PULSE-P0353NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
H604 PULSE-H604 Datasheet
523Kb / 3P
   SMT COMMON MODE CHOKES
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
   SMT Common Mode Chokes
PL8202NL PULSE-PL8202NL Datasheet
126Kb / 2P
   SMT COMMON MODE CHOKES
PL2477 PULSE-PL2477 Datasheet
460Kb / 2P
   SMT COMMON MODE CHOKES
logo
Allied Components Inter...
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
   SMT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
P0473T PULSE-P0473T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0351NLT PULSE-P0351NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0420T PULSE-P0420T Datasheet
129Kb / 2P
   SMT COMMON MODE CHOKES
P0473NLT PULSE-P0473NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
P0429NLT PULSE-P0429NLT Datasheet
784Kb / 2P
   SMT Common Mode Chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com