Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT75 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHT75
Description  Humidity & Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SHT75 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHT75 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SHT1x / SHT7x Relative Humidity & Temperature Sensor System
www.sensirion.com
v2.02 July 2004
2/9
1 Sensor Performance Specifications
Parameter
Conditions Min. Typ. Max. Units
Humidity
Resolution (2)
0.5 0.03 0.03
%RH
8
12
12
bit
Repeatability
±0.1
%RH
Accuracy (1)
Uncertainty
linearized
see figure 1
Interchangeability
Fully interchangeable
raw data
±3
%RH
Nonlinearity
linearized
<<1
%RH
Range
0
100
%RH
Response time
1/e (63%)
slowly moving air
4
s
Hysteresis
±1
%RH
Long term stability
typical
< 0.5
%RH/yr
Temperature
0.04 0.01 0.01
°C
0.07 0.02 0.02
°F
Resolution (2)
12
14
14
bit
±0.1
°C
Repeatability
±0.2
°F
Accuracy
see figure 1
-40
123.8
°C
Range
-40
254.9
°F
Response Time
1/e (63%)
5
30
s
Table 1
Sensor Performance Specifications
2 Interface Specifications
SHT1x
(slave)
uC
(master)
DATA
SCK
Vdd 2.4 - 5.5V
GND
Vdd
Figure 2 Typical application circuit
2.1 Power Pins
The SHTxx requires a voltage supply between 2.4 and 5.5 V.
After powerup the device needs 11ms to reach its “sleep”
state. No commands should be sent before that time.
Power supply pins (VDD, GND) may be decoupled with a
100 nF capacitor.
2.2 Serial Interface (Bidirectional 2-wire)
The serial interface of the SHTxx is optimized for sensor
readout and power consumption and is not compatible with
I2C interfaces, see FAQ for details.
2.2.1 Serial clock input (SCK)
The SCK is used to synchronize the communication between
a microcontroller and the SHTxx. Since the interface
consists of fully static logic there is no minimum SCK
frequency.
2.2.2 Serial data (DATA)
The DATA tristate pin is used to transfer data in and out of
the device. DATA changes after the falling edge and is
valid on the rising edge of the serial clock SCK. During
transmission the DATA line must remain stable while SCK is
high. To avoid signal contention the microcontroller should
only drive DATA low. An external pull-up resistor (e.g. 10 kΩ )
is required to pull the signal high. (See Figure 2) Pull-up
resistors are often included in I/O circuits of microcontrollers.
See Table 5 for detailed IO characteristics.
(1)
Each SHTxx is tested to be fully within RH accuracy specifications at 25 °C (77 °F) and 48 °C (118.4 °F)
(2)
The default measurement resolution of 14bit (temperature) and 12bit (humidity) can be reduced to 12 and 8 bit through the status register.
%RH
Relative Humidity absolute accuracy
± 0
± 1
± 2
± 3
± 4
± 5
0
30 40
20
10
80
50
100
70
90
60
Temperature accuracy
0 °C
±1 °C
±2 °C
-40°C
0°C
40°C
80°C
120°C
±3 °C
Dewpoint accuracy @ 25 °C (typical)
±0 °C
±1 °C
±2 °C
±3 °C
±4 °C
±5 °C
0
30 40
20
10
80
50
100
70
90
60
0 °F
±1.8 °F
±3.6 °F
±5.4 °F
%RH
±1.8 °F
±3.6 °F
±7.2 °F
±5.4 °F
±9.0 °F
-40°F
32°F
104°F
176°F
248°F
%RH
SHT75
SHT75
SHT11/71
SHT15
SHT11/71
SHT15
SHT11/71
SHT15/75
Figure 1 Rel. Humidity, Temperature and Dewpoint accuracies


Similar Part No. - SHT75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT75 ETC1-SHT75 Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
SHT75 ETC2-SHT75 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
More results

Similar Description - SHT75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
   Humidity & Temperature Sensor
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
BELIMO AIRCONTROLS (USA...
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
   Duct Sensor Humidity / Temperature
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
EnOcean GmbH.
ETHSA ENOCEAN-ETHSA Datasheet
123Kb / 1P
   EnOcean Temperature & Humidity Sensor
April 2022
logo
Advantech Co., Ltd.
LEO-S55 ADVANTECH-LEO-S55 Datasheet
539Kb / 3P
   LoRaWAN Temperature/Humidity Sensor
19-May-2023
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
Schneider Electric
AP9335TH SCHNEIDER-AP9335TH Datasheet
104Kb / 2P
   APC Temperature & Humidity Sensor
Oct 17, 2021
logo
BELIMO AIRCONTROLS (USA...
22RTH-59-1 BELIMO-22RTH-59-1 Datasheet
611Kb / 5P
   Room Sensor Humidity / Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com