Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC16VPNF-G-JNE1 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB85RC16VPNF-G-JNE1
Description  16 K (2 K 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC16VPNF-G-JNE1 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB85RC16VPNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 13Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 14Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNE1 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MB85RC16V
DS501-00010-6v0-E
11
■ ABSOLUTE MAXIMUM RATINGS
*: These parameters are based on the condition that Vss is 0 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
■ RECOMMENDED OPERATING CONDITIONS
*: These parameters are based on the condition that Vss is 0 V.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage*
VDD
− 0.5
+ 6.0
V
Input voltage*
VIN
− 0.5
VDD
+ 0.5 ( ≤ 6.0)
V
Output voltage*
VOUT
− 0.5
VDD
+ 0.5 ( ≤ 6.0)
V
Operation ambient temperature
TA
− 40
+ 85
°C
Storage temperature
TSTG
− 55
+ 125
°C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage*
VDD
3.0
5.5
V
“H” level input voltage*
VIH
VDD
× 0.8
5.5
V
“L” level input voltage*
VIL
VSS
VDD
× 0.2
V
Operation ambient temperature
TA
− 40
+ 85
°C


Similar Part No. - MB85RC16VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC16V FUJITSU-MB85RC16V Datasheet
295Kb / 32P
   16 K (2 K횞8) ?볝긿?뉹2C
More results

Similar Description - MB85RC16VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com