Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64PNF-G-JNE1 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB85RC64PNF-G-JNE1
Description  64 K (8 K 횞 8) Bit I2C
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC64PNF-G-JNE1 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB85RC64PNF-G-JNE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC64PNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MB85RC64
DS05–13109–3E
3
■ BLOCK DIAGRAM
■ I2C (Inter-Integrated Circuit)
The MB85RC64 has the two-wire serial interface; the I2C bus,and operates as a slave device.
The I2C bus defines communication roles of “master” and “slave” devices, with the master side holding the
authority to initiate control. Furthermore, a I2C bus connection is possible where a single master device is
connected to multiple slave devices in a party-line configuration. In this case, it is necessary to assign a
unique device address to the slave device.
• I2C Interface System Configuration Example
WP
A0, A1, A2
SDA
SCL
FRAM Array
8,192
× 8
Serial/Parallel Converter
Column Decoder/Sense Amp/
Write Amp
SCL
SDA
A2
A1
A0
000
A2
A1
A0
001
A2
A1
A0
010
...
I2C Bus
Master
I2C Bus
MB85RC64
I2C Bus
MB85RC64
I2C Bus
MB85RC64
Pull-up
Resistors
Device address
VDD


Similar Part No. - MB85RC64PNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64PNF-G-JNE1 FUJITSU-MB85RC64PNF-G-JNE1 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
More results

Similar Description - MB85RC64PNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RS64V FUJITSU-MB85RS64V Datasheet
301Kb / 32P
   64 K (8 K 횞 8) ?볝긿?늆PI
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com