Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTO-50 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LTO-50
Description  Power Resistor Thick Film Technology
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LTO-50 Datasheet(HTML) 1 Page - Vishay Siliconix

  LTO-50 Datasheet HTML 1Page - Vishay Siliconix LTO-50 Datasheet HTML 2Page - Vishay Siliconix LTO-50 Datasheet HTML 3Page - Vishay Siliconix LTO-50 Datasheet HTML 4Page - Vishay Siliconix LTO-50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LTO 50
www.vishay.com
Vishay Sfernice
Revision: 09-Dec-15
1
Document Number: 50050
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Resistor Thick Film Technology
LTO series are the extension of RTO types. We used the
direct ceramic mounting design (no metal tab) of our RCH
power resistors applied to semiconductor packages.
FEATURES
• 50 W at 25 °C case temperature heatsink
mounted
• Direct mounting ceramic on heatsink
• Broad resistance range: 0.010
Ω to 550 kΩ
• Non inductive
• TO-220 package: Compact and easy to mount
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Tolerances unless stated: ± 0.3 mm.
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
Ω
RATED POWER
P25 °C
W
LIMITING ELEMENT
VOLTAGE UL
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CRITICAL
RESISTANCE
Ω
LTO 50
TO-220
0.010 to 550K
50
500
1, 2, 5, 10
150, 250, 700, 900
5K
3.2
16.2
10.4
1.8
5.08
0.6
3.5
1.3
0.8
12.7
Ø 3.2
3.2
MECHANICAL SPECIFICATIONS
Mechanical Protection
Molded
Resistive Element
Thick film
Substrate
Alumina
Connections
Tinned copper
Weight
2 g max.
Mounting Torque
1 Nm
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
-55 °C to +150 °C
Climatic Category
55 / 155 / 56
Flammability
IEC 60695-11-5
2 applications 30 s
separated by 60 s
TECHNICAL SPECIFICATIONS
Dissipation and Associated
Onto a heatsink
Power Rating and
Thermal Resistance
of the Component
50 W at +25 °C (case temp.)
RTH (j - c): 2.5 °C/W
Free air:
2.5 W at +25 °C
Temperature Coefficient
See Performance table
Standard
± 150 ppm/°C
Dielectric Strength
MIL STD 202
1500 VRMS - 1 min
10 mA max.
Insulation Resistance
≥ 104
Inductance
≤ 0.1 μH


Similar Part No. - LTO-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO-100F10002F-T-E3 VISHAY-LTO-100F10002F-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F10002G-T-E3 VISHAY-LTO-100F10002G-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F10002J-T-E3 VISHAY-LTO-100F10002J-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F10002K-T-E3 VISHAY-LTO-100F10002K-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO-100F27000-F-T-E3 VISHAY-LTO-100F27000-F-T-E3 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
More results

Similar Description - LTO-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision 26-Mar-07
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
   Power Resistor Thick Film Technology
Revision: 16-Oct-08
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
   Power Resistor, Thick Film Technology
Revision 14-Jan-05
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
   Power Resistor Thick Film Technology
01-Jan-2022
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
   Power Resistor Thick Film Technology
Revision: 08-Dec-14
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
   Power Resistor Thick Film Technology
Revision: 26-Mar-07
LTO050F50R00JTE3 VISHAY-LTO050F50R00JTE3 Datasheet
91Kb / 5P
   Power Resistor Thick Film Technology
Revision: 22-Jan-14
LTO50 VISHAY-LTO50_15 Datasheet
86Kb / 5P
   Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
   30 W Power Resistor Thick Film Technology
Revision: 01-Aug-13
LTO-150 VISHAY-LTO-150 Datasheet
99Kb / 4P
   Clip Mount Power Resistor Thick Film Technology
Revision: 15-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com