Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT-0603 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MCT-0603
Description  Precision Thin Film Chip Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT-0603 Datasheet(HTML) 1 Page - Vishay Siliconix

  MCT-0603 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCT 0603 - Precision Sample Kit
www.vishay.com
Vishay Beyschlag
Revision: 27-Oct-14
1
Document Number: 28860
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Sample Kit
Precision Thin Film Chip Resistors
MCT 0603-25 0.1 %
Files contain lengths of cardboard tape, each holding
20 resistors. The kit contains every fourth value of the
E 96-series. Parts are sorted in the ascending order of its
resistance value and appropriately marked.
FEATURES
• Approved to EN 140401-801
• Superior overall stability: class 0.1 and 0.25
• Waste gas resistance verified by ASTM B 809
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• The products are specified by the underlying standard product’s datasheet “Precision Thin Film Chip Resistors” in its most current edition
at www.vishay.com/doc?28700
(1) Supplemented by 47R
Note
• The product can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
SPECIFICATIONS
Laboratory kit
LCT 96/4
Resistor type
MCT 0603-25 0.1 %
Temperature coefficient
± 25 ppm/K
Tolerance
± 0.1 %
Resistance range/E-series
47
 to 511 k/every 4th value of E 96 (1)
Number of resistance values
98
Resistors per value/total
20/1960
Number of pages/files
10/1
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: LCT964MCT06030DB00
KIT
E-SERIES
FRACTION OF
E-SERIES
TYPE/SIZE
VERSION
TCR
TOLERANCE
LCT
96
4 = 1/4
MCT 0603
0 = Standard
D = ± 25 ppm/K
B = ± 0.1 %
PRODUCT DESCRIPTION: LCT 96 4 MCT 0603-25 0.1 %
LCT
96
4
MCT 0603
-25
0.1 %
KIT
E-SERIES
FRACTION OF
E-SERIES
TYPE/SIZE
TCR
TOLERANCE
LCT
96
4 = 1/4
MCT 0603
± 25 ppm/K
± 0.1 %
L
C
T
9
6
4
M
C
T
0
6
0
3
0
D
B
0
0


Similar Part No. - MCT-0603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT-0603 VISHAY-MCT-0603 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT-0603-AT VISHAY-MCT-0603-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
MCT-0603-VG01 VISHAY-MCT-0603-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
MCT-0603-VG01 VISHAY-MCT-0603-VG01 Datasheet
155Kb / 8P
   Thin Film Chip Resistors with Established Reliability
Revision: 11-Jun-12
More results

Similar Description - MCT-0603

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com