Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU-0102-HF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MMU-0102-HF
Description  High Frequency Thin Film MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU-0102-HF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MMU-0102-HF Datasheet HTML 3Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 4Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 5Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 6Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 7Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 8Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 9Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 10Page - Vishay Siliconix MMU-0102-HF Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MMU 0102 HF, MMA 0204 HF, MMB 0207 HF
www.vishay.com
Vishay Beyschlag
Revision: 26-Oct-15
8
Document Number: 28718
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The quoted IEC standards are also released as EN standards with the same number and identical contents.
4.13
-
Short time overload;
standard operation mode
U = 2.5 x
;
5 s
± (0.1 % R + 0.01
)
Short time overload;
power operation mode
U = 2.5 x
;
5 s
± (0.1 % R + 0.01
)
4.40
-
Electrostatic discharge
(human body model)
IEC 61340-3-1 (1);
3 pos. + 3 neg. discharges
MMU 0102 HF: 800 V
MMA 0204 HF: 1000 V
MMB 0207 HF: 2000 V
± (0.5 % R + 50 m
)
4.29
45 (XA)
Component solvent resistance
Isopropyl alcohol;
50 °C; method 2
No visible damage
4.30
45 (XA)
Solvent resistance of marking
Isopropyl alcohol; 50 °C;
method 1, toothbrush
Marking legible; no visible damage
4.17
58 (Td)
Solderability
Solder bath method; SnPb40;
non-activated flux;
(215 ± 3) °C; (3 ± 0.3) s
Good tinning (
 95 % covered);
no visible damage
Solder bath method; SnAg3Cu0.5 or
SnAg3.5; non-activated flux;
(235 ± 3) °C; (2 ± 0.2) s
Good tinning (
 95 % covered);
no visible damage
4.18
58 (Td)
Resistance to soldering heat
Solder bath method;
(260 ± 5) °C; (10 ± 1) s
± (0.5 % R + 0.05
)
4.32
21 (Ue3)
Shear (adhesion)
45 N
No visible damage
4.35
-
Flammability
IEC 60 695-11-5 (1),
needle flame test; 10 s
No burning after 30 s
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
R)
Stability for product types:
MMU 0102 HF
6.8
 to 470 
MMA 0204 HF
1.5
 to 475 
MMB 0207 HF
6.8
 to 470 
P
70 x R
P
70 x R


Similar Part No. - MMU-0102-HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU-0102-VG03 VISHAY-MMU-0102-VG03 Datasheet
183Kb / 8P
   MELF Resistors with Established Reliability
Revision: 21-May-12
More results

Similar Description - MMU-0102-HF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU0102HF VISHAY-MMU0102HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD WALSIN-WMXXD Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com