Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX4314LCKB Datasheet(PDF) 3 Page - Gennum Corporation

Part # GX4314LCKB
Description  GX4314L Low Power, Wideband 4 x 1 Video Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GX4314LCKB Datasheet(HTML) 3 Page - Gennum Corporation

  GX4314LCKB Datasheet HTML 1Page - Gennum Corporation GX4314LCKB Datasheet HTML 2Page - Gennum Corporation GX4314LCKB Datasheet HTML 3Page - Gennum Corporation GX4314LCKB Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
520 - 54 - 2
R
IN
=75
Fig. 2 All Hostile Crosstalk & Isolation
1
10
80
FREQUENCY (MHz)
1
10
100
FREQUENCY (MHz)
Fig. 3 Input Capacitance
-1.0
-0.8 -0.6 -0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
BIAS VOLTAGE (V)
R
S
=27
C
L
=30pF
Fig. 1 Flattened Frequency Response
1
10
100
200
FREQUENCY (MHz)
ENABLED
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
V
S
=
±11.5V
Fig. 4 Output Capacitance
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-20
-40
-60
-80
-100
-120
CHIP OFF -
ISOLATION
R
L
=10
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
Fig. 5 Differential Gain & Phase
1
3
5
10
FREQUENCY (MHz)
dp
dg
0.030
0.025
0.020
0.015
0.010
0.005
0.000
-0.005
-0.010
Fig. 6 Test Circuit
R
IN
=10
DISABLED
TYPICAL PERFORMANCE CURVES FOR GX4314L
(V
S
=
± 5V DC, T
A
25
°C, C
L
= 30 pF, unless otherwise shown.)
C
L
=0pF
V
S
=
±4.5V
GX4314 L
1
2
3
5
6
7
VIDEO IN 1
VIDEO IN 3
VIDEO IN 2
VIDEO IN 0
75
75
75
75
4
10
9
14
8
A1
12
A0
13
10k
NC
4
CLC110
1
VIDEO
OUT
8
5
CS
11
+5V
0.1
-5V
0.1
-8V
0.1
0.1
+8V
All resistors in ohms. all capacitors
in microfarads unless otherwise stated.


Similar Part No. - GX4314LCKB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314-CDB GENNUM-GX4314-CDB Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314-CKB GENNUM-GX4314-CKB Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
More results

Similar Description - GX4314LCKB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
Intersil Corporation
HI-524 INTERSIL-HI-524_02 Datasheet
188Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Intersil Corporation
HI-524 INTERSIL-HI-524 Datasheet
161Kb / 6P
   4-Channel Wideband and Video Multiplexer
July 1999
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. G, 20-Dec-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com