Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848S71050JY6F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1848S71050JY6F
Description  Metallized Polypropylene Film Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848S71050JY6F Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1848S71050JY6F Datasheet HTML 1Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 2Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 3Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 4Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 5Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 6Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 7Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 8Page - Vishay Siliconix MKP1848S71050JY6F Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MKP1848S DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Mar-13
4
Document Number: 26010
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING CODE
UNDC
(V)
HEIGHT
(mm)
CAP. (7)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
500
12
5
24.0 12.0 31.5
27.5
-
30
150
4
-
13
-
60
-
MKP1848S55050JK2A
15
7
27.0 15.0 31.5
27.5
-
30
210
5
-
10
-
60
-
MKP1848S57050JK2B
10
27.0 15.0 42.0
37.5
10.2
15
150
5
5
10
7.5
125
110
MKP1848S61050JP*B
15
33.0 15.0 42.0
37.5
10.2
15
225
6.5
7
7
5
125
110
MKP1848S61550JP*B
20
33.0 15.0 57.5
52.5
20.3
7
140
6
6.5
9.5
8
250
220
MKP1848S62050JY*B
30
45.0 15.0 57.5
52.5
20.3
7
210
8.5
9
6.5
5.5
250
220
MKP1848S63050JY*B
50 (6)
62.0 15.0 57.5
52.5
20.3
7
350
-
13.5
-
3.5
-
220
MKP1848S65050JY6B
18
10
24.0 18.0 42.0
37.5
10.2
15
150
5
5.5
10
7.5
125
110
MKP1848S61050JP*C
15
27.0 18.0 42.0
37.5
10.2
15
225
6.5
7
6.5
5
125
110
MKP1848S61550JP*C
20
39.0 18.0 42.0
37.5
10.2
15
300
8.5
9
5
4
125
110
MKP1848S62050JP*C
30
35.0 18.0 57.5
52.5
20.3
7
210
8
8.5
6.5
5.5
250
220
MKP1848S63050JY*C
50
50.0 18.0 57.5
52.5
20.3
7
350
-
12.5
-
3.5
250
220
MKP1848S65050JY5C
24
20
30.0 24.0 42.0
37.5
10.2
15
300
8.5
9
5
4
125
110
MKP1848S62050JP*F
30
39.0 24.0 42.0
37.5
10.2
15
450
11
12
3.5
2.5
125
110
MKP1848S63050JP*F
50
39.0 24.0 57.5
52.5
20.3
7
350
11.5 12.5
4
3.5
250
220
MKP1848S65050JY*F
100 (6)
70.0 24.0 57.5
52.5
20.3
7
700
-
22
-
2
-
220
MKP1848S71050JY6F
700
12
3
24.0 12.0 31.5
27.5
-
35
105
3.5
-
14
-
45
-
MKP1848S53070JK2A
15
5
27.0 15.0 31.5
27.5
-
35
175
5
-
8
-
45
-
MKP1848S55070JK2B
7
27.0 15.0 42.0
37.5
10.2
17
119
5
5
15
11.5
110
95
MKP1848S57070JP*B
10
33.0 15.0 42.0
37.5
10.2
17
170
6
6.5
11
8
110
95
MKP1848S61070JP*B
15
33.0 15.0 57.5
52.5
20.3
8
120
6
6.5
12
10
220
200
MKP1848S61570JY*B
20
45.0 15.0 57.5
52.5
20.3
8
160
8
8.5
9
7.5
220
200
MKP1848S62070JY*B
30 (6)
62.0 15.0 57.5
52.5
20.3
8
240
-
12
-
5
-
200
MKP1848S63070JY6B
18
7
24.0 18.0 42.0
37.5
10.2
17
119
5
5
15
11.5
110
95
MKP1848S57070JP*C
10
27.0 18.0 42.0
37.5
10.2
17
170
6
6.5
11
8
110
95
MKP1848S61070JP*C
15
39.0 18.0 42.0
37.5
10.2
17
255
8.5
9
7
5.5
110
95
MKP1848S61570JP*C
20
35.0 18.0 57.5
52.5
20.3
8
160
7.5
8
9
7.5
220
200
MKP1848S62070JY*C
30
50.0 18.0 57.5
52.5
20.3
8
240
-
11.5
-
5
-
200
MKP1848S63070JY5C
24
15
30.0 24.0 42.0
37.5
10.2
17
255
8.5
9
7
5.5
110
95
MKP1848S61570JP*F
20
39.0 24.0 42.0
37.5
10.2
17
340
10.5 11.5
6
4
110
95
MKP1848S62070JP*F
30
39.0 24.0 57.5
52.5
20.3
8
240
10.5
11
6
5
220
200
MKP1848S63070JY*F
50 (6)
70.0 24.0 57.5
52.5
20.3
8
400
-
18
-
3
-
200
MKP1848S65070JY6F


Similar Part No. - MKP1848S71050JY6F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848 VISHAY-MKP1848 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K2 VISHAY-MKP1848412084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K4 VISHAY-MKP1848412084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084P2 VISHAY-MKP1848412084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848S71050JY6F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com