Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS2MTPF-G-JNE2 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB85RS2MTPF-G-JNE2
Description  2 M (256 K 횞 8) Bit SPI
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS2MTPF-G-JNE2 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB85RS2MTPF-G-JNE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS2MTPF-G-JNE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MB85RS2MT
2
DS501-00023-0v01-E
■ PIN ASSIGNMENT
■ PIN FUNCTIONAL DESCRIPTIONS
Pin No. Pin Name
Functional description
1CS
Chip Select pin
This is an input pin to make chips select. When CS is “H” level, device is in deselect
(standby) status and SO becomes High-Z. Inputs from other pins are ignored for this
time. When CS is “L” level, device is in select (active) status. CS has to be “L” level before
inputting op-code.
3WP
Write Protect pin
This is a pin to control writing to a status register. The writing of status register (see “
STATUS REGISTER”) is protected in related with WP and WPEN. See “
■ WRITING
PROTECT” for detail.
7HOLD
Hold pin
This pin is used to interrupt serial input/output without making chips deselect. When
HOLD is “L” level, hold operation is activated, SO becomes High-Z, SCK and SI become
do not care. While the hold operation, CS has to be retained “L” level.
6SCK
Serial Clock pin
This is a clock input pin to input/output serial data. SI is loaded synchronously to a rising
edge, SO is output synchronously to a falling edge.
5SI
Serial Data Input pin
This is an input pin of serial data. This inputs op-code, address, and writing data.
2SO
Serial Data Output pin
This is an output pin of serial data. Reading data of FRAM memory cell array and status
register data are output. This is High-Z during standby.
8
VDD
Supply Voltage pin
4
VSS
Ground pin
1
2
3
4
8
7
6
5
CS
WP
SO
VSS
VDD
SCK
SI
HOLD
1
2
3
4
8
7
6
5
CS
WP
SO
VSS
VDD
SCK
SI
HOLD
(TOP VIEW)
(DIP-8P-M03)
(TOP VIEW)
(FPT-8P-M08)


Similar Part No. - MB85RS2MTPF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
More results

Similar Description - MB85RS2MTPF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
logo
Cypress Semiconductor
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com