Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848S62070JYC Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP1848S62070JYC
Description  Metallized Polypropylene Film Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848S62070JYC Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP1848S62070JYC Datasheet HTML 5Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 6Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 7Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 8Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 9Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 10Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 11Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 12Page - Vishay Siliconix MKP1848S62070JYC Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MKP1848S DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Mar-13
9
Document Number: 26010
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function
of the free air ambient temperature.
The component temperature rise (
T) can be measured or calculated by T = P/G:
T = T
case - Tambient = Case temperature rise (°C) with a maximum of 15 °C at rated temperature.
• P = IRMS2 x ESR = Power dissipation of the component (mW)
• G = Heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
The case temperature is measured in unloaded condition (Tamb) and loaded condition (TC).
To avoid external thermal radiation or convection, the capacitor must be tested in a closed area, free from air circulation.
HEAT CONDUCTIVITY
DIMENSION (mm)
HEAT CONDUCTIVITY
(mW/°C)
wh
l
24
12
31.5
21.5
27
15
31.5
26
27
15
42
33
33
15
42
38
24
18
42
33.5
27
18
42
36
39
18
42
47
30
24
42
45.5
39
24
42
54.5
33
15
57.5
48.5
45
15
57.5
61.5
62
15
57.5
80
35
18
57.5
55
50
18
57.5
72
39
24
57.5
68
70
24
57.5
106
Thermocouple


Similar Part No. - MKP1848S62070JYC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848 VISHAY-MKP1848 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K2 VISHAY-MKP1848412084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K4 VISHAY-MKP1848412084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084P2 VISHAY-MKP1848412084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848S62070JYC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com