Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS16NPN-G-AMEWE1 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB85RS16NPN-G-AMEWE1
Description  16 K (2 K 횞 8) Bit SPI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS16NPN-G-AMEWE1 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB85RS16NPN-G-AMEWE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MB85RS16N
DS501-00030-3v0-E
5
■ SERIAL PERIPHERAL INTERFACE (SPI)
MB85RS16N works as a slave of SPI. More than 2 devices can be connected by using microcontroller
equipped with SPI port. By using a microcontroller not equipped with SPI port, SI and SO can be bus
connected to use.
SCK
SS1
HOLD1
MOSI
MISO
SS2
HOLD2
SCK
CS
HOLD
SI
SO
SCK
CS
HOLD
SI
SO
MB85RS16N
MB85RS16N
SCK
CS
HOLD
SI
SO
MB85RS16N
SPI
Microcontroller
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS
: Slave Select
System Configuration with SPI Port
System Configuration without SPI Port
Microcontroller


Similar Part No. - MB85RS16NPN-G-AMEWE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
More results

Similar Description - MB85RS16NPN-G-AMEWE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com