Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS16NPN-G-AMEWE1 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB85RS16NPN-G-AMEWE1
Description  16 K (2 K 횞 8) Bit SPI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS16NPN-G-AMEWE1 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB85RS16NPN-G-AMEWE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RS16NPN-G-AMEWE1 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MB85RS16N
6
DS501-00030-3v0-E
■ STATUS REGISTER
■ OP-CODE
MB85RS16N accepts 7 kinds of command specified in op-code. Op-code is a code composed of 8 bits
shown in the table below. Do not input invalid codes other than those codes. If CS is risen while inputting
op-code, the command are not performed.
Bit No.
Bit Name
Function
7
WPEN
Status Register Write Protect
This is a bit composed of nonvolatile memories (FRAM). WPEN protects
writing to a status register (see “
■ WRITING PROTECT”) relating with WP
input. Writing with the WRSR command and reading with the RDSR com-
mand are possible.
6 to 4
Not Used Bits
These are bits composed of nonvolatile memories, writing with the WRSR
command is possible. These bits are not used but they are read with the
RDSR command.
3
BP1
Block Protect
This is a bit composed of nonvolatile memory. This defines size of write
protect block for the WRITE command (see “
■ BLOCK PROTECT”). Writ-
ing with the WRSR command and reading with the RDSR command are
possible.
2
BP0
1WEL
Write Enable Latch
This indicates FRAM Array and status register are writable. The WREN
command is for setting, and the WRDI command is for resetting. With the
RDSR command, reading is possible but writing is not possible with the
WRSR command. WEL is reset after the following operations.
After power ON.
After WRDI command recognition.
At the rising edge of CS after WRSR command recognition.
At the rising edge of CS after WRITE command recognition.
0
0
This is a bit fixed to “0”.
Name
Description
Op-code
WREN
Set Write Enable Latch
0000 0110B
WRDI
Reset Write Enable Latch
0000 0100B
RDSR
Read Status Register
0000 0101B
WRSR
Write Status Register
0000 0001B
READ
Read Memory Code
0000 0011B
WRITE
Write Memory Code
0000 0010B
RDID
Read Device ID
1001 1111B


Similar Part No. - MB85RS16NPN-G-AMEWE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPN-G-AMEWE1 FUJITSU-MB85RS16NPN-G-AMEWE1 Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
More results

Similar Description - MB85RS16NPN-G-AMEWE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com