Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS16NPNF-G-JNERE1 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB85RS16NPNF-G-JNERE1
Description  16 K (2 K 횞 8) Bit SPI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS16NPNF-G-JNERE1 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB85RS16NPNF-G-JNERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 13Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 14Page - Fujitsu Component Limited. MB85RS16NPNF-G-JNERE1 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MB85RS16N
DS501-00030-3v0-E
11
■ BLOCK PROTECT
Writing protect block for WRITE command is configured by the value of BP0 and BP1 in the status register.
■ WRITING PROTECT
Writing operation of the WRITE command and the WRSR command are protected with the value of WEL,
WPEN, WP as shown in the table.
■ HOLD OPERATION
Hold status is retained without aborting a command if HOLD is the “L” level while CS is the “L” level. The
timing for starting and ending hold status depends on the SCK to be the “H” level or the “L” level when a
HOLD pin input is transited to the hold condition as shown in the diagram below. In case the HOLD pin
transited to “L” level when SCK is “L” level, return the HOLD pin to “H” level at SCK being “L” level. In the
same manner, in case the HOLD pin transited to “L” level when SCK is “H” level, return the HOLD pin to “H”
level at SCK being “H” level. Arbitrary command operation is interrupted in hold status, SCK and SI inputs
become don’t care. And, SO becomes High-Z while reading command (RDSR, READ). If CS is rising during
hold status, a command is aborted. In case the command is aborted before its recognition, WEL holds the
value before transition to hold status.
BP1
BP0
Protected Block
00
None
0
1
600H to 7FFH (upper 1/4)
1
0
400H to 7FFH (upper 1/2)
1
1
000H to 7FFH (all)
WEL
WPEN
WP
Protected Blocks
Unprotected Blocks
Status Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected
SCK
CS
Hold Condition
HOLD
Hold Condition


Similar Part No. - MB85RS16NPNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G-JNERE1 FUJITSU-MB85RS16NPNF-G-JNERE1 Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
More results

Similar Description - MB85RS16NPNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS1MTPH-G FUJITSU-MB85RS1MTPH-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPNF-G FUJITSU-MB85RS1MTPNF-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS1MTPW-G FUJITSU-MB85RS1MTPW-G Datasheet
426Kb / 28P
   1M (128 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com