Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3793-42PF Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB3793-42PF
Description  POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3793-42PF Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB3793-42PF Datasheet HTML 3Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 4Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 5Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 6Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 7Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 8Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 9Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 10Page - Fujitsu Component Limited. MB3793-42PF Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MB3793-42
7
2.
AC Characteristics
*: The voltage range is 10% to 90% at testing the reset output transition time.
(VCC =
+5 V, Ta = +25°C)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Power-on reset hold time
tPR
CTP = 0.1
µF
80
130
180
ms
Watchdog timer monitoring time
tWD
CTW = 0.01
µF
CTP = 0.1
µF
7.5
15
22.5
ms
Watchdog timer reset time
tWR
CTP = 0.1
µF
5
10
15
ms
CK input pulse duration
tCKW
500

ns
CK input pulse cycle
tCKT
20

µs
Reset (RESET) output transition time
Rising
tr*
CL = 50 pF

500
ns
Falling
tf*
CL = 50 pF

500
ns


Similar Part No. - MB3793-42PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3793-42PF FUJITSU-MB3793-42PF Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-42PF-E1 FUJITSU-MB3793-42PF-E1 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
More results

Similar Description - MB3793-42PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A_06 Datasheet
259Kb / 24P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793-45 FUJITSU-MB3793-45 Datasheet
187Kb / 28P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-42 CYPRESS-MB3793-42 Datasheet
293Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-42 FUJITSU-MB3793-42 Datasheet
266Kb / 25P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
logo
Cypress Semiconductor
MB3793-27D CYPRESS-MB3793-27D Datasheet
793Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-27A FUJITSU-MB3793-27A Datasheet
305Kb / 25P
   Power Voltage Monitoring IC with Watchdog Timer
MB3793 FUJITSU-MB3793 Datasheet
192Kb / 20P
   POWER-VOLTAGE MONITORING IC WITH WATCHDOG TIMER
MB3793-30A FUJITSU-MB3793-30A Datasheet
304Kb / 26P
   Power Voltage Monitoring IC with Watchdog Timer
logo
Cypress Semiconductor
MB3793-34D CYPRESS-MB3793-34D Datasheet
781Kb / 24P
   Power-Voltage Monitoring IC with Watchdog Timer
logo
Fujitsu Component Limit...
MB3793-37A FUJITSU-MB3793-37A Datasheet
150Kb / 21P
   Power Voltage Monitoring IC with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com