Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848710454Y5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1848710454Y5
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848710454Y5 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1848710454Y5 Datasheet HTML 1Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 2Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 3Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 4Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 5Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 6Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
2
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Note
(1) Tabs terminals or customized terminals are available on request
DIMENSIONS in millimeters
2 PINS
4 PINS
MKP 1848
6
12
09
4
P
4
CAPACITANCE
(numerically)
Example:
512
1200 nF
1.2 µF
612
12 000 nF
12 µF
712
120 000 nF
120 µF
MULTIPLIER
(nF)
10
4
100
5
1000
6
10 000
7
TYPE CONSTRUCTION
VOLTAGE
UN = 45 = 450 VDC
UN = 70 = 700 VDC
UN = 08 = 800 VDC
UN = 09 = 900 VDC
UN = 91 = 1100 VDC
UN = 92 = 1200 VDC
SPECIAL CODE FOR TERMINAL
2
2 pins
4
4 pins P2 = 10.2 mm
5
4 pins P2 = 20.3 mm
(1)
Customized
TOLERANCE
4
± 5 %
METALLIZED POLYPROPYLENE
P1
(mm)
PITCH
CODE
27.5
K
37.5
P
52.5
Y
h
w
Ø dt
I
6 - 1
P1 ± 0.4 - PCM 27.5 mm
P1 ± 0.5 - PCM ≥ 37.5 mm
P1
P1 ± 0.5
Marking
I
w
6 - 2
Ø dt
P2 ± 0.5
h
P1
P2
P2


Similar Part No. - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848710454Y5 VISHAY-MKP1848710454Y5 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com