Electronic Components Datasheet Search |
|
AC2010JR-7W10M Datasheet(PDF) 10 Page - YAGEO Corporation |
|
AC2010JR-7W10M Datasheet(HTML) 10 Page - YAGEO Corporation |
10 / 12 page Chip Resistor Surface Mount www.yageo.com Nov. 02, 2016 V.5 Product specification 10 12 SERIES AC 0201 to 2512 TEST TEST METHOD PROCEDURE REQUIREMENTS Solderability - Wetting AEC-Q200 Test 18 J-STD-002 Electrical Test not required Magnification 50X SMD conditions: (a) Method B, aging 4 hours at 155 °C dry heat, dipping at 235± 3 °C for 5± 0.5 seconds. (b) Method B, steam aging 8 hours, dipping at 215± 3 °C for 5± 0.5 seconds. (c) Method D, steam aging 8 hours, dipping at 260± 3 °C for 7± 0.5 seconds. Well tinned (≥95% covered) No visible damage Board Flex AEC-Q200 Test 21 AEC-Q200-005 Chips mounted on a 90mm glass epoxy resin PCB (FR4) Bending for 0201/0402: 5 mm 0603/0805: 3 mm 1206 and above: 2 mm Holding time: minimum 60 seconds ± (1.0%+0.05Ω) <50 mΩ for Jumper Temperature Coefficient of Resistance (T.C.R.) MIL-STD-202 Method 304 At +25/–55 °C and +25/+125 °C Refer to table 2 Formula: T.C.R= ------------------------- × 106 (ppm/°C) Where t1=+25 °C or specified room temperature t2=–55 °C or +125 °C test temperature R1=resistance at reference temperature in ohms R2=resistance at test temperature in ohms Short Time Overload IEC60115-1 4.13 2.5 times of rated voltage or maximum overload voltage whichever is less for 5 sec at room temperature ± (1.0%+0.05Ω) for D/F tol ± (2.0%+0.05Ω) for J tol <50 mΩ for Jumper FOS ASTM-B-809-95 Sulfur (saturated vapor) 500 hours, 60± 2℃, unpowered ± ( 1.0%+0.05Ω) R2–R1 R1(t2–t1) |
Similar Part No. - AC2010JR-7W10M |
|
Similar Description - AC2010JR-7W10M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |