Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847510314K2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP1847510314K2
Description  Metallized Polypropylene Film Capacitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847510314K2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP1847510314K2 Datasheet HTML 5Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 6Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 7Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 8Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 9Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 10Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 11Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 12Page - Vishay Siliconix MKP1847510314K2 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 31-Jan-17
9
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONSTRUCTION
Low inductive wound cell elements of metallized polypropylene film. Pattern film for pitch
 37.5 mm and standard foil for pitch
27.5 mm, potted with resin in a flame retardant case.
Specific Method of Mounting to Withstand Vibration and Shock
The capacitor unit is designed for mounting on a printed circuit board.
In order to withstand vibration and shock tests, it must be insured that the stand-off pips are in good contact with the printed
circuit board.
The capacitors shall be mechanically fixed by the leads and the body clamped.
Space Requirements on Printed-Circuit Board and Dimension Tolerances
For the maximum product dimensions and maximum space requirements for length (lmax.), width (wmax.) following tolerances
must be taken in account in the envelopment of the components as shown in the drawings below:
Lmax. = I + I
Wmax. = w + w
For the maximum height hmax., a h of 0.5 mm must be taken in account on the height dimension h.
For the minimum product dimensions for length (lmin.), width (wmin.) and height (hmin.) following tolerances of the components
are valid:
lmin. = l - l, wmin. = w - w and hmin. = h - h
For products with pitch = 27.5 mm,
l = 1.0 mm and w = h = 0.5 mm
For products with pitch = 37.5 mm,
l = 1.0 mm and w = h = 1.0 mm
For products with pitch = 52.5 mm,
l = 1.5 mm and w = h = 1.0 mm
SOLDERING CONDITIONS
For general soldering conditions and wave soldering profile, we refer to the document:
“Characteristics and Definitions used for Film Capacitors”: www.vishay.com/doc?26033
Storage Temperature
Tstg = -25 °C to +35 °C with RH maximum 75 % without condensation.
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an ambient temperature of 23 °C ± 1 °C, an atmospheric pressure of
86 kPa to 106 kPa and a relative humidity of 50 % ± 2 %.
For reference testing, a conditioning period shall be applied over 96 h ± 4 h by heating the products in a circulating air oven at
the rated temperature and a relative humidity not exceeding 20 %.
P1 (mm)
L (mm)
W (mm)
Ø D (mm)
h (mm)
27.5
2
1.6
1.2
0.2
37.5
3
2.0
1.5
0.5
52.5
4
2.4
1.7
0.5
Ø D
P1
P2
2 x P2 ± 0.5 mm
3 x P2 ± 0.5 mm
4 x P2 ± 0.5 mm
5 x P2 ± 0.5 mm
W
max.
L
max.


Similar Part No. - MKP1847510314K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847512234K2 VISHAY-MKP1847512234K2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234K4 VISHAY-MKP1847512234K4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234K5 VISHAY-MKP1847512234K5 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234P2 VISHAY-MKP1847512234P2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234P4 VISHAY-MKP1847512234P4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
More results

Similar Description - MKP1847510314K2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com