Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5882AS Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5882AS
Description  Audio 3rd-order D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5882AS Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5882AS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5882AS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ΣDECO SM588× series
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Audio 3rd-order
Σ∆ D/A Converter
OVERVIEW
The
ΣDECO SM588× series, fabricated using NPC’s Molybdenum-gate CMOS process, are D/A converter ICs
for digital audio, that provide all the basic converter functions in miniature 8-pin packages. They each feature
built-in 8-times oversampling digital filter,
Σ∆ jitter-compensated D/A converter, and post-analog lowpass fil-
ter converter stages required for digital audio. They can sample at up to 96kHz for 16 or 24-bit input word
length. A type with built-in deemphasis filter is also available for applications requiring deemphasis.
FEATURES
3-wire Input
I
2-channel stereo configuration
I
256fs, 384fs, or 512fs system clock (applied by
product / version)
I
Input format
3-wire serial, MSB first, rear-packed
16 or 24-bit (applied by product / version)
I
8-times oversampling digital filter
• 32 dB stopband attenuation
• ±0.05 dB passband ripple
I
Σ∆ 2-channel D/A converter
• 3rd-order noise shaper
• Oversampling operation
I
3rd-order post-analog lowpass filter
I
4.5 to 5.5 V supply voltage
I
8-pin SOP
I
Molybdenum-gate CMOS process
2-wire Input with Deemphasis Filter
I
2-channel stereo configuration
I
256fs, 384fs, or 512fs system clock (applied by
product / version)
I
Input format
2-wire serial, MSB first, rear-packed
16 or 24-bit (applied by product / version)
I
Deemphasis filter (fs = 44.1 kHz sample rate)
I
8-times oversampling digital filter
• 32 dB stopband attenuation
• ±0.05 dB passband ripple
I
Σ∆ 2-channel D/A converter
• 3rd-order noise shaper
• Oversampling operation
I
3rd-order post-analog lowpass filter
I
4.5 to 5.5 V supply voltage
I
8-pin SOP
I
Molybdenum-gate CMOS process
APPLICATIONS
I
Audio equipment
PINOUTS
ORDERING INFORMATION
3-wire input
2-wire input with built-in deemphasis filter
DATA
BCKI
LRCI
CLK
LO
VDD
VSS
RO
1
4
5
8
1
4
5
8
DATA
DEEM
LRCI
CLK
LO
VDD
VSS
RO
Device
Package
SM5882AS
8-pin SOP
SM5883AS
SM5883BS
SM5885CS


Similar Part No. - SM5882AS

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
SM580-2 DATATRONICS-SM580-2 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
SM580-3 DATATRONICS-SM580-3 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
logo
Nippon Precision Circui...
SM5803 NPC-SM5803 Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
logo
Silicon Mitus, Inc.
SM5803A SILICONMITUS-SM5803A Datasheet
251Kb / 3P
   Type-C Multi-cell NVDC Buck-Boost Charger
January 2021 Rev. 0.15
More results

Similar Description - SM5882AS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5879AV NPC-SM5879AV Datasheet
137Kb / 20P
   3rd-order , 2-channel D/A Converter
SM5876AM NPC-SM5876AM Datasheet
154Kb / 17P
   3rd-order, 2-channel D/A Converter
SM5877AM NPC-SM5877AM Datasheet
140Kb / 16P
   3rd-order , 2-channel D/A Converter
SM5878AM NPC-SM5878AM Datasheet
143Kb / 16P
   3rd-order , 2-channel D/A converter
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Agamem Microelectronic ...
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
Rohm
BU7858KN ROHM-BU7858KN Datasheet
322Kb / 6P
   16bit D/A Converter Audio Path
logo
Asahi Kasei Microsystem...
AKD5393 AKM-AKD5393_05 Datasheet
885Kb / 23P
   professional audio 24bit A/D converter
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
   digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com