Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1847590314P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP1847590314P
Description  Metallized Polypropylene Film Capacitor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1847590314P Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP1847590314P Datasheet HTML 1Page - Vishay Siliconix MKP1847590314P Datasheet HTML 2Page - Vishay Siliconix MKP1847590314P Datasheet HTML 3Page - Vishay Siliconix MKP1847590314P Datasheet HTML 4Page - Vishay Siliconix MKP1847590314P Datasheet HTML 5Page - Vishay Siliconix MKP1847590314P Datasheet HTML 6Page - Vishay Siliconix MKP1847590314P Datasheet HTML 7Page - Vishay Siliconix MKP1847590314P Datasheet HTML 8Page - Vishay Siliconix MKP1847590314P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MKP1847 AC Filtering
www.vishay.com
Vishay Roederstein
Revision: 31-Jan-17
2
Document Number: 28172
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMPOSITION OF CATALOG NUMBER
Note
(1) Tabs terminals or customized terminals are available on request
Note
• Ø dt ± 10 % of standard diameter specified
DIMENSIONS in millimeters
2 PINS
4 PINS
MKP 1847
6
12
25
4
P
2
CAPACITANCE
(numerically)
Example
512
1200 nF
1.2 µF
612
12 000 nF
12 µF
680
80 000 nF
80 µF
MULTIPLIER
(nF)
10
4
100
5
1000
6
10 000
7
TYPE CONSTRUCTION
VOLTAGE
UN = 23 = 230 VRMS
UN = 25 = 250 VRMS
UN = 27 = 275 VRMS
UN = 31 = 310 VRMS
UN = 35 = 350 VRMS
UN = 38 = 380 VRMS
UN = 44 = 440 VRMS
SPECIAL CODE FOR TERMINAL
2
2 pins
4
4 pins P2 = 10.2 mm
5
4 pins P2 = 20.3 mm
(1)
Customized
TOLERANCE
4
± 5 %
5
± 10 %
METALLIZED POLYPROPYLENE
P1
(mm)
PITCH
CODE
27.5
K
37.5
P
52.5
Y
h
w
Ø dt
I
6 - 1
P1 ± 0.4 - PCM 27.5 mm
P1 ± 0.5 - PCM ≥ 37.5 mm
P1
P1 ± 0.5
Marking
I
w
6 - 2
Ø dt
P2 ± 0.5
h
P1
P2
P2


Similar Part No. - MKP1847590314P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1847512234K2 VISHAY-MKP1847512234K2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234K4 VISHAY-MKP1847512234K4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234K5 VISHAY-MKP1847512234K5 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234P2 VISHAY-MKP1847512234P2 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1847512234P4 VISHAY-MKP1847512234P4 Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
More results

Similar Description - MKP1847590314P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com