Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMD3N Datasheet(PDF) 4 Page - Rohm

Part # UMD3N
Description  NPN PNP Complex Digital Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMD3N Datasheet(HTML) 4 Page - Rohm

  UMD3N Datasheet HTML 1Page - Rohm UMD3N Datasheet HTML 2Page - Rohm UMD3N Datasheet HTML 3Page - Rohm UMD3N Datasheet HTML 4Page - Rohm UMD3N Datasheet HTML 5Page - Rohm UMD3N Datasheet HTML 6Page - Rohm UMD3N Datasheet HTML 7Page - Rohm UMD3N Datasheet HTML 8Page - Rohm UMD3N Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMD3 / UMD3N / IMD3A
l
Electrical characteristic curves (Ta = 25°C) <For DTr1(NPN)>
l
Electrical characteristic curves (Ta = 25°C) <For DTr2(PNP)>
Fig.5 Output voltage vs. output current
OUTPUT CURRENT : IO [A]
Fig.6 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO [A]
Fig.7 Output current vs. input voltage
(OFF characteristics)
INPUT VOLTAGE : VI(off)[V]
4/8
2013.07 - Rev.E
EMD3FHA / UMD3NFHA / IMD3AFRA


Similar Part No. - UMD3N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD3N ROHM-UMD3N Datasheet
83Kb / 4P
   General purpose (dual digital transistors)
UMD3N ROHM-UMD3N Datasheet
103Kb / 4P
   General purpose (Dual digital transistors)
logo
SeCoS Halbleitertechnol...
UMD3N SECOS-UMD3N Datasheet
384Kb / 2P
   Multi-Chip Digital Transistor
logo
Shenzhen Jin Yu Semicon...
UMD3N HTSEMI-UMD3N Datasheet
481Kb / 1P
   DUAL DIGITAL TRANSISTOR (NPN PNP)
logo
Jiangsu Changjiang Elec...
UMD3N JIANGSU-UMD3N Datasheet
1Mb / 5P
   DUAL DIGITAL TRANSISTOR
More results

Similar Description - UMD3N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD6T2R ROHM-EMD6T2R Datasheet
517Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMD9AT108 ROHM-IMD9AT108 Datasheet
591Kb / 9P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMD6NTR ROHM-UMD6NTR Datasheet
516Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMD4T2R ROHM-EMD4T2R Datasheet
563Kb / 8P
   NPN PNP Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
UMB11NTN ROHM-UMB11NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com