Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMH9FHA Datasheet(PDF) 1 Page - Rohm

Part # EMH9FHA
Description  General purpose (Dual digital transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMH9FHA Datasheet(HTML) 1 Page - Rohm

  EMH9FHA Datasheet HTML 1Page - Rohm EMH9FHA Datasheet HTML 2Page - Rohm EMH9FHA Datasheet HTML 3Page - Rohm EMH9FHA Datasheet HTML 4Page - Rohm EMH9FHA Datasheet HTML 5Page - Rohm EMH9FHA Datasheet HTML 6Page - Rohm EMH9FHA Datasheet HTML 7Page - Rohm EMH9FHA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EMH9 FHA
General purpose (Dual digital transistors)
Datasheet
AEC-Q101 Qualified
l
lOutline
Parameter
DTr1 and DTr2
SOT-563
 
VCC
50V
SC-107C
 
 
IC(MAX.)
100mA
 
 
 
 
R1
10kΩ
 
 
R2
47kΩ
EMT6
 
                     
l
lFeatures
l
lInner circuit
1)Two DTC114Y chips in a EMT6 package.
2)Mounting possible with EMT3 automatic
  mounting machines.
3)Transistor elements are independent,
  eliminating interference.
4)Mounting cost and area can be cut in half.
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMH9 FHA
SOT-563
(EMT6)
1616
T2R
180
8
8000
H9
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/5
20161012 - Rev.001


Similar Part No. - EMH9FHA

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH9 ROHM-EMH9 Datasheet
73Kb / 4P
   General purpose (dual digital transistors)
EMH9 ROHM-EMH9 Datasheet
73Kb / 4P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMH9 HTSEMI-EMH9 Datasheet
546Kb / 1P
   digital transistor (NPN NPN)
logo
Rohm
EMH9 ROHM-EMH9 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
EMH9 JIANGSU-EMH9 Datasheet
5Mb / 4P
   Dual Digital Transistors (NPNNPN)
More results

Similar Description - EMH9FHA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com