Electronic Components Datasheet Search |
|
F450KD183G400C Datasheet(PDF) 7 Page - Kemet Corporation |
|
F450KD183G400C Datasheet(HTML) 7 Page - Kemet Corporation |
7 / 25 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com F3033_PHE450 • 9/15/2016 7 Film Capacitors – General Purpose, Pulse and DC Transient Suppression PHE450 Series Double Metallized Polypropylene Film Environmental Test Data Test IEC Publication Procedure Requirements Voltage Proof 60384–1 Clause 4.6 1.6 x V R after 60 seconds The capacitors must withstand the voltage without breakdownsorflashoversandwithoutdecreased insulation resistance below the value in each detailspecification.Novisibledamage. Clause 4.6 2.3 2 x V R (minimum 400 VDC to case) after 60 seconds As above Vibration 60068–2–6 Test Fc 6 hours with 10 – 500 Hz and 0.75 mm amplitude or 98 m/s2 depending on frequency No visible damage tanδ≤1.2xstatedvalueat100kHz ΔC/C≤±0.5% Bump 60068–2–29 Test Eb 4,000 bumps with 390 m/s2 mounted on PCB ΔC/C≤±0.5% tanδ≤1.2xstatedvalueat100kHz Insulation resistance: ≥100,000MΩforC R≤0.33µF ≥30,000MΩ•µFforC R > 0.33 µF Resistance to Soldering Heat 60068–2–20 Method 1A Solderbathat+260°C±5°Cwith screening Immersion of the terminations into the solder bath shall be completed in a time not exceeding 1 second and the terminations shall remain immersedtothespecifieddepthfor10+1second and then be withdrawn. ΔC/C≤±1.0% tanδincrease<0.001 No visible damage Climatic Sequence 60384–1 Paragraph 4:21 60068–2.2 dry heat 16 hours 60068–2–34 damp heat, one cycle 60068–2–1 Test Aa 2 hours Insulation resistance: ≥100,000MΩforC R≤0.33µF ≥30,000MΩ•µFforC R > 0.33 µF ΔC/C≤±0.5% tanδ≤1.2xstatedvalueat100kHz Damp Heat Steady State 60068–2–3 Test Ca +40°Cand90–95%RH 56 days no visible damage Insulation resistance: ≥50,000MΩforC R≤0.33µF ≥15,000MΩ•µFforC R > 0.33 µF ΔC/C≤±1% tanδ≤1.2xstatedvalueat100kHz Endurance, AC 1,000hoursat+85°Cand1.25xV R AC No visible damage ΔC/C≤±3% tanδ≤1.5xstatedvalueat100kHz Insulation resistance: ≥100,000MΩforC R≤0.33µF ≥30,000MΩ•µFforC R > 0.33 µF Charge and Discharge 60384–17 Paragraph 4.13 10,000 pulses and with (2 x) dV/dt accordingtodetailspecification tanδ(100kHz)≤2xstatedvalue(100kHz) ΔC/C≤±0.5% Insulation resistance: ≥50,000MΩforC R≤0.33µF ≥15,000MΩ•µFforC R > 0.33 µF Environmental Compliance All KEMET pulse capacitors are RoHS Compliant. |
Similar Part No. - F450KD183G400C |
|
Similar Description - F450KD183G400C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |