Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F450FD183K400C Datasheet(PDF) 7 Page - Kemet Corporation

Part # F450FD183K400C
Description  PHE450 Series Double Metallized Polypropylene Film
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F450FD183K400C Datasheet(HTML) 7 Page - Kemet Corporation

Back Button F450FD183K400C Datasheet HTML 3Page - Kemet Corporation F450FD183K400C Datasheet HTML 4Page - Kemet Corporation F450FD183K400C Datasheet HTML 5Page - Kemet Corporation F450FD183K400C Datasheet HTML 6Page - Kemet Corporation F450FD183K400C Datasheet HTML 7Page - Kemet Corporation F450FD183K400C Datasheet HTML 8Page - Kemet Corporation F450FD183K400C Datasheet HTML 9Page - Kemet Corporation F450FD183K400C Datasheet HTML 10Page - Kemet Corporation F450FD183K400C Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3033_PHE450 • 9/15/2016
7
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
PHE450 Series Double Metallized Polypropylene Film
Environmental Test Data
Test
IEC Publication
Procedure
Requirements
Voltage Proof
60384–1 Clause 4.6
1.6 x V
R after 60 seconds
The capacitors must withstand the voltage without
breakdownsorflashoversandwithoutdecreased
insulation resistance below the value in each
detailspecification.Novisibledamage.
Clause 4.6 2.3
2 x V
R (minimum 400 VDC to case) after
60 seconds
As above
Vibration
60068–2–6 Test Fc
6 hours with 10 – 500 Hz and 0.75 mm
amplitude or 98 m/s2 depending on
frequency
No visible damage
tanδ≤1.2xstatedvalueat100kHz
ΔC/C≤±0.5%
Bump
60068–2–29 Test Eb
4,000 bumps with 390 m/s2 mounted on
PCB
ΔC/C≤±0.5%
tanδ≤1.2xstatedvalueat100kHz
Insulation resistance:
≥100,000MΩforC
R≤0.33µF
≥30,000MΩ•µFforC
R > 0.33 µF
Resistance to
Soldering Heat
60068–2–20
Method 1A
Solderbathat+260°C±5°Cwith
screening
Immersion of the terminations into the solder
bath shall be completed in a time not exceeding
1 second and the terminations shall remain
immersedtothespecifieddepthfor10+1second
and then be withdrawn.
ΔC/C≤±1.0%
tanδincrease<0.001
No visible damage
Climatic Sequence
60384–1
Paragraph 4:21
60068–2.2 dry heat 16 hours
60068–2–34 damp heat, one cycle
60068–2–1 Test Aa 2 hours
Insulation resistance:
≥100,000MΩforC
R≤0.33µF
≥30,000MΩ•µFforC
R > 0.33 µF
ΔC/C≤±0.5%
tanδ≤1.2xstatedvalueat100kHz
Damp Heat
Steady State
60068–2–3 Test Ca
+40°Cand90–95%RH
56 days no visible damage
Insulation resistance:
≥50,000MΩforC
R≤0.33µF
≥15,000MΩ•µFforC
R > 0.33 µF
ΔC/C≤±1%
tanδ≤1.2xstatedvalueat100kHz
Endurance, AC
1,000hoursat+85°Cand1.25xV
R AC
No visible damage
ΔC/C≤±3%
tanδ≤1.5xstatedvalueat100kHz
Insulation resistance:
≥100,000MΩforC
R≤0.33µF
≥30,000MΩ•µFforC
R > 0.33 µF
Charge and Discharge
60384–17
Paragraph 4.13
10,000 pulses and with (2 x) dV/dt
accordingtodetailspecification
tanδ(100kHz)≤2xstatedvalue(100kHz)
ΔC/C≤±0.5%
Insulation resistance:
≥50,000MΩforC
R≤0.33µF
≥15,000MΩ•µFforC
R > 0.33 µF
Environmental Compliance
All KEMET pulse capacitors are RoHS Compliant.


Similar Part No. - F450FD183K400C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F450 LITTELFUSE-F450 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
F450-ND LITTELFUSE-F450-ND Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
logo
Fox Electronics
F4500 FOX-F4500 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4500R FOX-F4500R Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
F4505 FOX-F4505 Datasheet
202Kb / 2P
   HCMOS, 7.5x5mm, 1.8V, SMD Oscillator
More results

Similar Description - F450FD183K400C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE450MD6470JR30 KEMET-PHE450MD6470JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 22.5mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450HK3680JR17 KEMET-PHE450HK3680JR17 Datasheet
57Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 680 pF, 5%, 250 V, 85C, Lead Spacing = 7.5mm
PHE450HA6100JR20 KEMET-PHE450HA6100JR20 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 10mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
PHE450RD6150JR30 KEMET-PHE450RD6150JR30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.15 uF, 5%, 1,600 V, 85C, Lead Spacing = 22.5mm
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Kemet Corporation
PHE450PD6220JD16R30 KEMET-PHE450PD6220JD16R30 Datasheet
56Kb / 1P
   PHE450/F450, Film, Double Metallized Polypropylene, Commercial Grade, 0.22 uF, 5%, 1,000 V, 85C, Lead Spacing = 22.5mm
PHE450XB4100JB04R17 KEMET-PHE450XB4100JB04R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 1000 pF, 5%, 3,000 V, 85C, Lead Spacing = 15mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com