Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-BGA-9016 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-BGA-9016
Description  Highly compliant to accommodate wide co-planarity variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9016 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9016 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9016 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9016 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9016 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4.0 (x5)
13.725±0.025 (x4)
4.00 (x4)
4x
1.71±0.1
90°
17.725
2.50
4.00
1.50
0.3048
insulating dot
backing plate
5
2
12
3
9
1
13
4
8
7
6
11
10
Insulation dot and Backing plate specification
ITEM
NO.
DESCRIPTION
Material
1
Custom cutout Socket Base 11mm
7075-T6 Aluminum Alloy
2
Compression Screw M10
7075-T6 Alumium Alloy
3
Compression Plate 11x11mm IC 2.5mm thick
7075-T6 Aluminum Alloy
4
"X" shaped Backing Plate for 11mm chip
7075-T6 (SN)
5
Socket Lid Swivel 11mm IC
7075-T6 Aluminum Alloy
6
SM interposer for 16x20 0.5mm pitch array
Silmat/Cirlex
7
Customer's target PCB
FR4 High temp
8
SM IC Guide for 8.5x10.5mm IC
Ultem 1000
9
Customer's IC 8.5x10.5mm, 16x20 0.5mm pitch BGA212
FR4 High temp
10
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
11
#0-80 X .375 LG, SOC HD CAP SCREW, ALLOY STL,
BLK OXIDE
Alloy Steel
12
#0-80 Shoulder Screw, 0.062" thread length
Stainless Steel (303)
13
Insulating washer, 4mm OD.
Kapton Polyimide/Cirlex
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt, Insulation Plate Det
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 8/2/2012
Material: N/A
Finish: N/A
Weight: 7.16
SM-BGA-9016 Drawing
SCALE: 3:1
SHEET: 4 OF 4
DRAWN BY: S. Huang
FILE: SM-BGA-9016


Similar Part No. - SM-BGA-9016

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9010 IRONWOOD-SM-BGA-9010 Datasheet
387Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-BGA-9012 IRONWOOD-SM-BGA-9012 Datasheet
385Kb / 4P
   Direct mounts to target PCB with hardware
SM-BGA-9013 IRONWOOD-SM-BGA-9013 Datasheet
248Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - SM-BGA-9016

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com