Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU8A-GBU Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # GBU8A-GBU
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

GBU8A-GBU Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  GBU8A-GBU Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD GBU8A-GBU Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBU8A THRU GBU8M
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
REVERSE VOLTAGE:
50 to 1000 VOLTS
FORWARD CURRENT:
8.0 AMPERE
FEATURES
· Glass passivated chip junction
GBU
· Reliable low cost construction utilizing molded
plastic technique
· Ideal for printed circuit board
· Low forward voltage drop
· Low reverse leakage current
· High surge current capability
MECHANICAL DATA
Case: Molded plastic, GBU
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.15ounce, 4.0gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
GBU8A
GBU8B
GBU8D
GBU8G
GBU8J
GBU8K
GBU8M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward
TC=100℃
Rectified Current at
(Note 1)
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 8.0A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=125℃
Typical Junction Capacitance (Note 3)
CJ
pF
Typical Thermal Resistance (Note 4)
RθJA
/W
Typical Thermal Resistance (Note 4)
RθJC
/W
Operating and Storage Temperature Range
TJ,Tstg
NOTES: 1- Units case mounted on 3.2 x 3.2 x 0.12” thick (8.2 x 8.2 x 0.3cm) Al plate heatsink
2- Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screws
3- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
4- Units mounted in free air, no heatsink on P.C.B., 0.5 x 0.5” (12 x 12mm) copper pads, 0.375” lead length
IR
Amp
Amp
Volts
uAmp
1.0
Dimensions in inches and (millimeters)
I(AV)
IFSM
VF
200
8.0
-55 to +150
5.0
500
2.2
255
125
21
3.2X45°
R7,6
www.yfwdiode.com


Similar Part No. - GBU8A-GBU

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU8A-BP MCC-GBU8A-BP Datasheet
105Kb / 3P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Vishay Siliconix
GBU8A-E3/45 VISHAY-GBU8A-E3/45 Datasheet
97Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 02-Apr-15
GBU8A-E3/51 VISHAY-GBU8A-E3/51 Datasheet
97Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 02-Apr-15
logo
Bruckewell Technology L...
GBU8A-M BWTECH-GBU8A-M Datasheet
419Kb / 3P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBU8A-GBU

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com