Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

748421551 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 748421551
Description  Chip-Balun WE-BAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

748421551 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  748421551 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 748421551 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 748421551 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 748421551 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bezeichnung :
description :
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
748421551
L Messdiagramme / measuring diagrams:
SMD-Balun WE-BAL
Chip-Balun WE-BAL
DATUM / DATE : 2004-10-11
Insertion Loss (dB)
Return Loss (dB)
Phase Balance (degree)
Amplitude Balance (dB)
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such
as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information
network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general
electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed
before use. It is essential to give consideration when to install a protective circuit at the design stage.
RoHS
compliant
LF
55.2
5.4
5.6
5.8
50
40
30
20
10
0
Frequency (GHz)
4.8
5
5.2
5.4
5.6
5.8
5
4
3
2
1
0
Frequency (GHz)
5
5.2
5.4
5.6
5.8
2
1.5
1
0.5
0
0.5
1
1.5
2
Frequency (GHz)
5
5.2
5.4
5.6
5.8
200
150
100
50
0
50
100
150
200
Frequency (GHz)
SEITE 3 VON 4


Similar Part No. - 748421551

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748421245 WURTH-748421245 Datasheet
209Kb / 4P
   Spezifikation f체r Freigabe / specification for release
More results

Similar Description - 748421551

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748411245 WURTH-748411245 Datasheet
165Kb / 4P
   Chip-Balun WE-BAL
748415245 WURTH-748415245 Datasheet
200Kb / 4P
   Chip-Balun WE-BAL
748425245 WURTH-748425245 Datasheet
204Kb / 4P
   Chip-Balun WE-BAL
748412245 WURTH-748412245 Datasheet
186Kb / 4P
   Chip-Balun WE-BAL
748422245 WURTH-748422245 Datasheet
570Kb / 7P
   WE-BAL Multilayer Chip Balun
002.001
logo
STMicroelectronics
AN4315 STMICROELECTRONICS-AN4315 Datasheet
703Kb / 10P
   BAL-NRF02D3 matched balun with integrated harmonics filter
logo
Abracon Corporation
AMCB21 ABRACON-AMCB21 Datasheet
187Kb / 2P
   MULTILAYER CHIP BALUN
10.23.07
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com