Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2058BB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT82V2058BB
Description  OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2058BB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT82V2058BB Datasheet HTML 5Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 6Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 7Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 8Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 9Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 10Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 11Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 12Page - Integrated Device Technology IDT82V2058BB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
INDUSTRIAL TEMPERATURE RANGES
IDT82V2058 OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
PIN DESCRIPTION (CONTINUED)
Name
Type
Pin No.
Description
QFP144 BGA160
INT
O
82
K13
INT: Interrupt (Active Low)
Open
This is the open drain, active low interrupt output. Four sources may cause the interrupt (refer
Drain
to
Interrupt Handling of Functional Description for details).
LP7/D7/AD7
I/O
28
K1
LPn: Loopback Select 7~0
LP6/D6/AD6
27
J1
In hardware control mode, pin LPn configures the corresponding channel in different loopback
LP5/D5/AD5 Tri-State
26
J2
mode, as follows:
LP4/D4/AD4
25
J3
LPn
Loopback Configuration
LP3/D3/AD3
24
J4
Low
Remote Loopback
LP2/D2/AD2
23
H2
VDDIO/2
No Loopback
LP1/D1/AD1
22
H3
High
Analog Loopback
LP0/D0/AD0
21
G2
Refer to
Loopback Configuration of Functional Description for details.
Dn: Data Bus 7~0
In non-multiplexed host mode, these pins are the bi-directional data bus.
ADn: Address/Data Bus 7~0
In multiplexed host mode, these pins are the multiplexed bi-directional address/data bus.
In serial host mode, these pins should be grounded.
A4
I
12
F4
MCn: Performance Monitor Configuration 4~0
MC3/A3
13
F3
In hardware control mode, A4 must be connected to GND. MC[3:0] are used to select one
MC2/A2
14
F2
transmitter or receiver of the channel 1 to 7 for non-intrusive monitoring. Channel 0 is used as
MC1/A1
15
F1
the monitoring channel. If a transmitter is monitored, signals on the corresponding pins TTIPn
MC0/A0
16
G3
and TRINGn are internally transmitted to RTIP0 and RRING0. If a receiver is monitored, signals
on the corresponding pins RTIPn and RRINGn are internally transmitted to RTIP0 and RRING0.
The clock and data recovery circuit in receiver 0 can then output the monitored clock to pin
RCLK0 as well as the monitored data to RDP0 and RDN0 pins. The signals monitored by cha-
nnel 0 can be routed to TTIP0/TRING0 by activating the remote loopback in this channel.
Performance Monitor Configuration determined by MC[3:0] is shown below. Note that if MC[2:0]
= 000, the device is in normal operation of all the channels.
MC[3:0]
Monitoring Configuration
0000
Normal operation without monitoring
0001
Monitoring receiver 1
0010
Monitoring receiver 2
0011
Monitoring receiver 3
0100
Monitoring receiver 4
0101
Monitoring receiver 5
0110
Monitoring receiver 6
0111
Monitoring receiver 7
1000
Normal operation without monitoring
1001
Monitoring transmitter 1
1010
Monitoring transmitter 2
1011
Monitoring transmitter 3
1100
Monitoring transmitter 4
1101
Monitoring transmitter 5
1110
Monitoring transmitter 6
1111
Monitoring transmitter 7
An: Address Bus 4~0
When pin MODE1 is low, the parallel host interface operates with separate address and data
bus. In this mode, the signal on this pin is the address bus of the host interface.


Similar Part No. - IDT82V2058BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058BBBLANK IDT-IDT82V2058BBBLANK Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058BBGBLANK IDT-IDT82V2058BBGBLANK Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2058BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058-10 IDT-IDT82V2058-10 Datasheet
1Mb / 53P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com