Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7488930245 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7488930245
Description  Chip-Antenna WE-MCA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7488930245 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7488930245 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7488930245 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7488930245 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7488930245 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
M Testboard / evaluation board:
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
SMD Antenne WE-MCA
Chip-Antenna WE-MCA
DATUM / DATE : 2004-10-11
Artikelnummer / part number :
7488930245
Spezifikation für Freigabe / specification for release
Kunde / customer :
LF
RoHS
compliant
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the field such as
aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.
where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic component in general electronic
equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for the safety must be performed before use. It
is essential to give consideration when to install a protective circuit at the design stage.
13,5 mm
39,5mm
6,5mm
6,5mm
19mm
Ground
50Ω Feed Line
4 mm
SEITE 4 VON 4


Similar Part No. - 7488930245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74889302450 WURTH-74889302450 Datasheet
553Kb / 7P
   WE-MCA Multilayer Chip Antenna
001.000
More results

Similar Description - 7488930245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7488920245 WURTH-7488920245 Datasheet
328Kb / 4P
   Chip-Antenna WE-MCA
7488910157 WURTH-7488910157 Datasheet
306Kb / 4P
   Chip-Antenna WE-MCA
7488910520 WURTH-7488910520 Datasheet
288Kb / 4P
   Chip-Antenna WE-MCA
7488910043 WURTH-7488910043 Datasheet
349Kb / 4P
   Chip-Antenna WE-MCA
Version 1 12-08-07
7488910245 WURTH-7488910245 Datasheet
318Kb / 4P
   Chip-Antenna WE-MCA
7488910092 WURTH-7488910092 Datasheet
406Kb / 4P
   Chip-Antenna WE-MCA
7488940245 WURTH-7488940245 Datasheet
271Kb / 4P
   Chip-Antenna WE-MCA
Version 1 04-10-11
74889502450 WURTH-74889502450 Datasheet
537Kb / 7P
   WE-MCA Multilayer Chip Antenna
001.001
7488922455 WURTH-7488922455 Datasheet
620Kb / 8P
   WE-MCA Multilayer Chip Antenna
002.000
74889102450 WURTH-74889102450 Datasheet
546Kb / 7P
   WE-MCA Multilayer Chip Antenna
001.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com