Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M250028TCN Datasheet(PDF) 3 Page - MTRONPTI

Part # M250028TCN
Description  SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M250028TCN Datasheet(HTML) 3 Page - MTRONPTI

  M250028TCN Datasheet HTML 1Page - MTRONPTI M250028TCN Datasheet HTML 2Page - MTRONPTI M250028TCN Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
M250x Series
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
3 of 3
Reflow Soldering Conditions:
Figure 1
Tape and Reel Specifications:
All dimensions are in mm.
A
B
C
D
E
F
G
H
J
K
L
M
2.4
2.9
1.55
3.5
1.2
4
4
8
178
13
21
60
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice.
No liability is assumed as a result of their use or application.
Rev.0 08/01/16


Similar Part No. - M250028TCN

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - M250028TCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M251X MTRONPTI-M251X Datasheet
127Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251063TCN MTRONPTI-M251063TCN Datasheet
124Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M2400 MTRONPTI-M2400 Datasheet
1Mb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250X MTRONPTI-M250X Datasheet
126Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
   SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
M2406 MTRONPTI-M2406 Datasheet
1Mb / 3P
   SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TW0464A TAI-SAW-TW0464A Datasheet
142Kb / 8P
   Crystal Oscillator SMD 2.5x2.0 3.5795MHz
REV. NO: 1.0
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
   SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
TW0299C TAI-SAW-TW0299C Datasheet
172Kb / 9P
   Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
   SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com