Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M250226TCN Datasheet(PDF) 2 Page - MTRONPTI

Part # M250226TCN
Description  SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M250226TCN Datasheet(HTML) 2 Page - MTRONPTI

  M250226TCN Datasheet HTML 1Page - MTRONPTI M250226TCN Datasheet HTML 2Page - MTRONPTI M250226TCN Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M250x Series
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
2 of 3
Environmental & Mechanical Requirements:
Operating Temperature
TA
See Ordering Information
°C
Storage Temperature
TS
-55
+125
°C
Mechanical Shock
Per MIL-STD-202, Method 213, Condition C (100 g’s, 6 ms duration, ½ sinewave)
Vibration
Per MIL-STD-202, Method 201 & 204 (10 g’s from 10-2000 Hz)
Thermal Cycle
Per MIL-STD-883, Method 1010, B (-55°C to 125°C, 15 min. dwell, 10 cycles)
Hermeticity
Per MIL-STD-202, Method 112 (1 x 10
-8 atm cc/s of Helium)
Solderability
Per EIAJ-STD-002
Max. Soldering Conditions
See solder profile, Figure 1
Package Type
2.0 X 2.5 X 1.0 mm, 4-pad leadless ceramic. RoHS 6/6 compliant
Dimensions, Marking, and Pin Out Information:
Note : Layout should include 0.01 µF or larger bypass capacitor between +Vdd and ground.
Part Marking (MHz range)
Line 1
xxxMxxx
Line 2
M ywwv
Legend
xxxMxxx
Frequency in MHz
y
Year
ww
Work week
v
Factory code
Pad
Function
1
Tristate
2
Ground
3
Output
4
+VDD


Similar Part No. - M250226TCN

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M2502 PETERMANN-M2502 Datasheet
135Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - M250226TCN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M251X MTRONPTI-M251X Datasheet
127Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251063TCN MTRONPTI-M251063TCN Datasheet
124Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M2400 MTRONPTI-M2400 Datasheet
1Mb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250X MTRONPTI-M250X Datasheet
126Kb / 3P
   SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
   SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
M2406 MTRONPTI-M2406 Datasheet
1Mb / 3P
   SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TW0464A TAI-SAW-TW0464A Datasheet
142Kb / 8P
   Crystal Oscillator SMD 2.5x2.0 3.5795MHz
REV. NO: 1.0
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
   SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
TW0299C TAI-SAW-TW0299C Datasheet
172Kb / 9P
   Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
   SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com