Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8-RF25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK14CA8-RF25
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-RF25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK14CA8-RF25 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2004
Document Control #ML0022 rev 1.0
1
STK14CA8
128K x 8 AutoStore
TM nvSRAM
QuantumTrap
TM CMOS
Nonvolatile Static RAM
FEATURES
• 25ns, 35ns and 45ns Access Times
• “Hands-off” Automatic STORE on Power Down
with only a small capacitor
• STORE to QuantumTrap™ Nonvolatile
Elements is Initiated by Software , device pin
or AutoStore™ on Power Down
• RECALL to SRAM Initiated by Software or
Power Up
• Unlimited READ, WRITE and RECALL Cycles
• 5mA Typical I
CC at 200ns Cycle Time
• 1,000,000 STORE Cycles to QuantumTrap™
• 100-Year Data Retention to QuantumTrap™
• Single 3V +20%, -10% Operation
• Commercial and Industrial Temperatures
• SOIC, SSOP and DIP Packages
• RoHS Compliance
DESCRIPTION
The Simtek STK14CA8 is a fast static RAM with a
nonvolatile element in each memory cell. The
embedded
nonvolatile
elements
incorporate
Simtek’s QuantumTrap
TM technology producing the
world’s most reliable nonvolatile memory. The
SRAM provides unlimited read and write cycles,
while independent, nonvolatile data resides in the
highly reliable QuantumTrap
TM cell. Data transfers
from the SRAM to the nonvolatile elements (the
STORE
operation) takes place automatically at
power down. On power up, data is restored to the
SRAM (the RECALL operation) from the nonvolatile
memory. Both the STORE and RECALL operations
are also available under software control.
BLOCK DIAGRAM
COLUMN DEC
G
E
W
COLUMN I/O
POWER
CONTROL
HSB
STORE/
RECALL
CONTROL
SOFTWARE
DETECT
A15 – A0
A5
A6
A7
A8
A9
A12
A13
A14
A15
A16
Quantum Trap
1024 X 1024
STATIC RAM
ARRAY
1024 X 1024
STORE
RECALL
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
A0 A1 A2 A3 A4 A10 A11
VCC
VCAP
Figure 1. Block Diagram


Similar Part No. - STK14CA8-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF25 CYPRESS-STK14CA8-RF25 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com