Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC531 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIC531
Description  30 A VRPower Integrated Power Stage
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC531 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIC531 Datasheet HTML 3Page - Vishay Siliconix SIC531 Datasheet HTML 4Page - Vishay Siliconix SIC531 Datasheet HTML 5Page - Vishay Siliconix SIC531 Datasheet HTML 6Page - Vishay Siliconix SIC531 Datasheet HTML 7Page - Vishay Siliconix SIC531 Datasheet HTML 8Page - Vishay Siliconix SIC531 Datasheet HTML 9Page - Vishay Siliconix SIC531 Datasheet HTML 10Page - Vishay Siliconix SIC531 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SiC531, SiC531A
www.vishay.com
Vishay Siliconix
S15-2799-Rev. A, 30-Nov-15
7
Document Number: 65999
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
Test condition: VIN = 13 V, VDRV = VCIN = 5 V, ZCD_EN# = 5 V, VOUT = 1 V, LOUT = 250 nH, (DCR = 0.32 m), TA = 25 °C
(All power loss and normalized power loss curves show SiC531 and SiC531A losses only unless otherwise stated)
Fig. 5 - Efficiency vs. Output Current (VIN = 12.6 V)
Fig. 6 - Power Loss vs. Switching Frequency (VIN = 12.6 V)
Fig. 7 - Efficiency vs. Output Current (VIN = 9 V)
Fig. 8 - Safe Operating Area (VIN = 12.6 V)
Fig. 9 - Power Loss vs. Output Current (VIN = 12.6 V)
Fig. 10 - Efficiency vs. Output Current (VIN = 19 V)
62
66
70
74
78
82
86
90
94
0
5
10
15
20
25
30
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
1 MHz
750 kHz
500 kHz
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
200
300
400
500
600
700
800
900 1000 1100
Switching Frequency, f
S (kHz)
I
OUT = 25A
62
66
70
74
78
82
86
90
94
0
5
10
15
20
25
30
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output
capacitor
1 MHz
750 kHz
500 kHz
0
5
10
15
20
25
30
35
40
0
153045607590
105 120 135 150
PCB Temperature, T
PCB (°C)
1 MHz
500 kHz
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
0
5
10
15
20
25
30
Output Current, I
OUT (A)
750 kHz
1 MHz
500 kHz
62
66
70
74
78
82
86
90
94
0
5
10
15
20
25
30
Output Current, I
OUT (A)
Complete converter efficiency
P
IN = [(VIN x IIN) + 5 V x (IVDRV + IVCIN)]
P
OUT = VOUT x IOUT, measured at output capacitor
1MHz
500 kHz
750 kHz


Similar Part No. - SIC531

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC531 VISHAY-SIC531 Datasheet
334Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC531A VISHAY-SIC531A Datasheet
334Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC531ACD-T1-GE3 VISHAY-SIC531ACD-T1-GE3 Datasheet
334Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC531ADBANDSIC531DB VISHAY-SIC531ADBANDSIC531DB Datasheet
334Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC531A VISHAY-SIC531A_V01 Datasheet
334Kb / 16P
   30 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SIC531

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com