Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEML6070 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VEML6070
Description  UVA Light Sensor with I2C Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VEML6070 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VEML6070 Datasheet HTML 5Page - Vishay Siliconix VEML6070 Datasheet HTML 6Page - Vishay Siliconix VEML6070 Datasheet HTML 7Page - Vishay Siliconix VEML6070 Datasheet HTML 8Page - Vishay Siliconix VEML6070 Datasheet HTML 9Page - Vishay Siliconix VEML6070 Datasheet HTML 10Page - Vishay Siliconix VEML6070 Datasheet HTML 11Page - Vishay Siliconix VEML6070 Datasheet HTML 12Page - Vishay Siliconix VEML6070 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VEML6070
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 05-Dec-16
11
Document Number: 84277
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 14 - VEML6070 A3OP Solder Reflow Profile Chart
RECOMMENDED IRON TIP SOLDERING CONDITION AND WARNING HANDLING
1. Solder the device with the following conditions:
1.1. Soldering temperature: 400 °C (max.)
1.2. Soldering time: 3 s (max.)
2. If the temperature of the method portion rises in addition to the residual stress between the leads, the possibility that an
open or short circuit occurs due to the deformation or destruction of the resin increases.
3. The following methods: VPS and wave soldering, have not been suggested for the component assembly.
4. Cleaning method conditions:
4.1. Solvent: methyl alcohol, ethyl alcohol, isopropyl alcohol
4.2. Solvent temperature < 45 °C (max.)
4.3. Time: 3 min (min.)
200
150
217
255
Time (s)
t2
t1
Max. Temperature
(260 °C + 5 °C / - 5 °C)/10 s
Ramp-Down Rate
6 °C/s (max.)
Ramp-Up Rate
3 °C/s (max.)
Soldering Zone
60 s to 150 s
Ramp-Up Rate
3 °C/s (max.)
Pre-Heating Time
t
2 - t1 = 60 s to 180 s


Similar Part No. - VEML6070

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML6075 VISHAY-VEML6075 Datasheet
458Kb / 11P
   UVA and UVB Light Sensor with I2C Interface
Rev. 1.2, 23-Nov-16
More results

Similar Description - VEML6070

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML6075 VISHAY-VEML6075 Datasheet
458Kb / 11P
   UVA and UVB Light Sensor with I2C Interface
Rev. 1.2, 23-Nov-16
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
logo
ON Semiconductor
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com