Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMR5104K400J01L4BULK Datasheet(PDF) 10 Page - Kemet Corporation

Part # SMR5104K400J01L4BULK
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMR5104K400J01L4BULK Datasheet(HTML) 10 Page - Kemet Corporation

Back Button SMR5104K400J01L4BULK Datasheet HTML 6Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 7Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 8Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 9Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 10Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 11Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 12Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 13Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016 10
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Table 1 – Ratings & Part Number Reference cont'd
(1) R = ±2.5%, J = ±5%, K = ±10%, M = ±20%
(2) Insert lead and packaging code. See Ordering Options Table for available options.
(3) H = ±2.5%, J = ±5%, K = ±10%, M = ±20%
VDC VAC Capacitance
Value (µF)
Size Code
(New/
Legacy)
Maximum
Dimensions in mm
Lead
Spacing (p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
50
30
2.7
BL/B06
7.5
14.5
18
15
6
F211BL275(1)050(2)
SMR15275(3)50B06(2)
50
30
3.3
BL/B06
7.5
14.5
18
15
6
F211BL335(1)050(2)
SMR15335(3)50B06(2)
50
30
3.9
BM/B12
8
15
18
15
6
F211BM395(1)050(2)
SMR15395(3)50B12(2)
50
30
4.7
BV/B14
8.5
16
18
15
6
F211BV475(1)050(2)
SMR15475(3)50B14(2)
50
30
5.6
BV/B14
9.5
17.5
18
15
6
F211BV565(1)050(2)
SMR15565(3)50B14(2)
50
30
6.8
DM/D15
9
18.5
26
22.5
3
F211DM685(1)050(2)
SMR22.5685(3)50D15(2)
50
30
8.2
DM/D15
9
18.5
26
22.5
3
F211DM825(1)050(2)
SMR22.5825(3)50D15(2)
50
30
10
DR/D18
10.5
19
26
22.5
3
F211DR106(1)050(2)
SMR22.5106(3)50D18(2)
50
30
12
DT/D16
11
21.5
26
22.5
3
F211DT126(1)050(2)
SMR22.5126(3)50D16(2)
50
30
15
FE/F11
10.5
20.5
31.5
27.5
2
F211FE156(1)050(2)
SMR27.5156(3)50F11(2)
50
30
18
FG/F12
11.5
22.5
31.5
27.5
2
F211FG186(1)050(2)
SMR27.5186(3)50F12(2)
50
30
22
FM/F13
14.5
24.5
31.5
27.5
2
F211FM226(1)050(2)
SMR27.5226(3)50F13(2)
63
40
0.001
JF/J01
2.5
6.5
7.2
5
40
F211JF102(1)063(2)
SMR5102(3)63J01(2)
63
40
0.0012
JF/J01
2.5
6.5
7.2
5
40
F211JF122(1)063(2)
SMR5122(3)63J01(2)
63
40
0.0015
JF/J01
2.5
6.5
7.2
5
40
F211JF152(1)063(2)
SMR5152(3)63J01(2)
63
40
0.0018
JF/J01
2.5
6.5
7.2
5
40
F211JF182(1)063(2)
SMR5182(3)63J01(2)
63
40
0.0022
JF/J01
2.5
6.5
7.2
5
40
F211JF222(1)063(2)
SMR5222(3)63J01(2)
63
40
0.0027
JF/J01
2.5
6.5
7.2
5
40
F211JF272(1)063(2)
SMR5272(3)63J01(2)
63
40
0.0033
JF/J01
2.5
6.5
7.2
5
40
F211JF332(1)063(2)
SMR5332(3)63J01(2)
63
40
0.0039
JF/J01
2.5
6.5
7.2
5
40
F211JF392(1)063(2)
SMR5392(3)63J01(2)
63
40
0.0047
JF/J01
2.5
6.5
7.2
5
20
F211JF472(1)063(2)
SMR5472(3)63J01(2)
63
40
0.0056
JF/J01
2.5
6.5
7.2
5
20
F211JF562(1)063(2)
SMR5562(3)63J01(2)
63
40
0.0068
JF/J01
2.5
6.5
7.2
5
20
F211JF682(1)063(2)
SMR5682(3)63J01(2)
63
40
0.0082
JF/J01
2.5
6.5
7.2
5
20
F211JF822(1)063(2)
SMR5822(3)63J01(2)
63
40
0.01
JF/J01
2.5
6.5
7.2
5
20
F211JF103(1)063(2)
SMR5103(3)63J01(2)
63
40
0.012
JF/J01
2.5
6.5
7.2
5
15
F211JF123(1)063(2)
SMR5123(3)63J01(2)
63
40
0.015
JF/J01
2.5
6.5
7.2
5
15
F211JF153(1)063(2)
SMR5153(3)63J01(2)
63
40
0.018
JF/J01
2.5
6.5
7.2
5
15
F211JF183(1)063(2)
SMR5183(3)63J01(2)
63
40
0.022
JF/J01
2.5
6.5
7.2
5
15
F211JF223(1)063(2)
SMR5223(3)63J01(2)
63
40
0.027
JF/J01
2.5
6.5
7.2
5
15
F211JF273(1)063(2)
SMR5273(3)63J01(2)
63
40
0.033
JF/J01
2.5
6.5
7.2
5
15
F211JF333(1)063(2)
SMR5333(3)63J01(2)
63
40
0.039
JF/J01
2.5
6.5
7.2
5
15
F211JF393(1)063(2)
SMR5393(3)63J01(2)
63
40
0.047
JF/J01
2.5
6.5
7.2
5
6
F211JF473(1)063(2)
SMR5473(3)63J01(2)
63
40
0.056
JF/J01
2.5
6.5
7.2
5
6
F211JF563(1)063(2)
SMR5563(3)63J01(2)
63
40
0.068
JF/J01
2.5
6.5
7.2
5
6
F211JF683(1)063(2)
SMR5683(3)63J01(2)
63
40
0.082
JJ/J02
3.5
8
7.2
5
6
F211JJ823(1)063(2)
SMR5823(3)63J02(2)
63
40
0.1
JJ/J02
3.5
8
7.2
5
6
F211JJ104(1)063(2)
SMR5104(3)63J02(2)
63
40
0.12
JJ/J02
3.5
8
7.2
5
6
F211JJ124(1)063(2)
SMR5124(3)63J02(2)
63
40
0.15
JJ/J02
3.5
8
7.2
5
6
F211JJ154(1)063(2)
SMR5154(3)63J02(2)
63
40
0.18
JL/J03
4.5
9
7.2
5
6
F211JL184(1)063(2)
SMR5184(3)63J03(2)
63
40
0.22
JL/J03
4.5
9
7.2
5
6
F211JL224(1)063(2)
SMR5224(3)63J03(2)
63
40
0.27
JQ/J04
5
10
7.2
5
6
F211JQ274(1)063(2)
SMR5274(3)63J04(2)
63
40
0.33
JQ/J04
5
10
7.2
5
6
F211JQ334(1)063(2)
SMR5334(3)63J04(2)
63
40
0.39
JT/J05
6
11
7.2
5
6
F211JT394(1)063(2)
SMR5394(3)63J05(2)
63
40
0.47
JT/J05
6
11
7.2
5
6
F211JT474(1)063(2)
SMR5474(3)63J05(2)
63
40
0.56
JU/J06
7.2
13
7.2
5
6
F211JU564(1)063(2)
SMR5564(3)63J06(2)
63
40
0.68
JU/J06
7.2
13
7.2
5
6
F211JU684(1)063(2)
SMR5684(3)63J06(2)
63
40
0.001
KG/K01
4
8
10
7.5
30
F211KG102(1)063(2)
SMR7.5102(3)63K01(2)
63
40
0.0012
KG/K01
4
8
10
7.5
30
F211KG122(1)063(2)
SMR7.5122(3)63K01(2)
63
40
0.0015
KG/K01
4
8
10
7.5
30
F211KG152(1)063(2)
SMR7.5152(3)63K01(2)
63
40
0.0018
KG/K01
4
8
10
7.5
30
F211KG182(1)063(2)
SMR7.5182(3)63K01(2)
63
40
0.0022
KG/K01
4
8
10
7.5
30
F211KG222(1)063(2)
SMR7.5222(3)63K01(2)
63
40
0.0027
KG/K01
4
8
10
7.5
30
F211KG272(1)063(2)
SMR7.5272(3)63K01(2)
63
40
0.0033
KG/K01
4
8
10
7.5
30
F211KG332(1)063(2)
SMR7.5332(3)63K01(2)
63
40
0.0039
KG/K01
4
8
10
7.5
30
F211KG392(1)063(2)
SMR7.5392(3)63K01(2)
63
40
0.0047
KG/K01
4
8
10
7.5
30
F211KG472(1)063(2)
SMR7.5472(3)63K01(2)
VDC
VAC
Capacitance
Value (µF)
Size Code
(New/Legacy)
B
(mm)
H
(mm)
L
(mm)
Lead Spacing
(p)
dV/dt
(V/µs)
New KEMET
Part Number
Legacy Part Number


Similar Part No. - SMR5104K400J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMR5104J100J03L16.5CBULK KEMET-SMR5104J100J03L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 100 V, 125C, Lead Spacing = 5mm
SMR5104J50J01L16.5CBULK KEMET-SMR5104J50J01L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 50 V, 125C, Lead Spacing = 5mm
SMR5104J63J02L16.5CBULK KEMET-SMR5104J63J02L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 63 V, 125C, Lead Spacing = 5mm
More results

Similar Description - SMR5104K400J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com