Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMR5104K400J01L4BULK Datasheet(PDF) 3 Page - Kemet Corporation

Part # SMR5104K400J01L4BULK
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMR5104K400J01L4BULK Datasheet(HTML) 3 Page - Kemet Corporation

  SMR5104K400J01L4BULK Datasheet HTML 1Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 2Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 3Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 4Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 5Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 6Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 7Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 8Page - Kemet Corporation SMR5104K400J01L4BULK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016
3
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Ordering Options Table cont'd
Lead
Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
KEMET
Lead and
Packaging
Code
Legacy
Lead and
Packaging
Code
15
Standard Lead and Packaging Options
Bulk – Straight Leads
4.0+1/-0
C
L4BULK
Bulk – Straight Leads
16.5 ±0.5
ALG5C
L16.5CBULK
Tape & Reel (Standard Reel)
H
0= 18.5 ±0.5
L
L16.5TR18
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0= 18.5 ±0.5
P
L16.5LR18
Native 15
formed to
7.5
Ammo Pack
H
0= 18.5 ±0.5
XLAF1
XA18
Tape & Reel (Standard Reel)
H
0= 18.5 ±0.5
XLTF1
XR18
22.5
Standard Lead and Packaging
Options
Bulk (Tray) – Short Leads
4.0+1/-0
C
L4TRAY
27.5
Standard Lead and Packaging
Options
Bulk (Tray) – Short Leads
4.0+1/-0
C
L4TRAY


Similar Part No. - SMR5104K400J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMR5104J100J03L16.5CBULK KEMET-SMR5104J100J03L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 100 V, 125C, Lead Spacing = 5mm
SMR5104J50J01L16.5CBULK KEMET-SMR5104J50J01L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 50 V, 125C, Lead Spacing = 5mm
SMR5104J63J02L16.5CBULK KEMET-SMR5104J63J02L16.5CBULK Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.1 uF, 5%, 63 V, 125C, Lead Spacing = 5mm
More results

Similar Description - SMR5104K400J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com