Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMR7.5104K400J01L4BULK Datasheet(PDF) 1 Page - Kemet Corporation

Part # SMR7.5104K400J01L4BULK
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SMR7.5104K400J01L4BULK Datasheet(HTML) 1 Page - Kemet Corporation

  SMR7.5104K400J01L4BULK Datasheet HTML 1Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 2Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 3Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 4Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 5Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 6Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 7Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 8Page - Kemet Corporation SMR7.5104K400J01L4BULK Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016
1
One world. One KEMET
Benefits
• Voltage range: 50 – 400 VDC; 30 – 200 VAC
• Capacitance range: 0.001 – 22 µF
• Lead spacing: 5 – 27.5 mm
• Capacitance tolerance: ±10%, ±20%, ±2.5% and ±5%
on request
• Climatic category: 55/150/56, IEC 60068–1
• Tape and reel packaging in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Categorytemperaturerange−55to+150°C
• Ratedtemperature+125°C
Overview
TheSMRSeriesisametallizedpolyphenylenesulfidefilm
capacitor with vacuum-evaporated aluminum electrodes.
Radial leads of tinned wire are electrically welded to the
contact metal layer on the ends of the capacitor winding.
The capacitor is encapsulated in self-extinguishing material
meeting the requirements of UL 94 V–0.
Applications
Typical applications include automotive and other
applications with high ambient temperatures, as well as
those requiring high stability and low losses. The capacitor
offers excellent sound quality in audio applications.
General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film,
+150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Legacy Part Number System
SMR
5
104
K
50
J01
L4
BULK
Series
Lead Spacing
(mm)
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Size Code
Lead Length
Packaging
Metallized PPS 5 = 5.0
7.5 = 7.5
10 = 10.0
15 = 15.0
22.5 = 22.5
27.5 = 27.5
First two digits indicate
thetwomostsignificant
digits of the capacitance
value in picofarads. The
third digit is the number of
following zeros.
H = ±2.5%
J = ±5%
K = ±10%
M = ±20%
50 = 50
63 = 63
100 = 100
250 = 250
400 = 400
See
Dimension
Table
Letter "L"
followed by
lead length in
mm
See Ordering
Options Table
New KEMET Part Number System
F
211
J
F
104
K
050
C
Capacitor Class
Series
Lead Spacing
(mm)
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Packaging
F = Film
Metallized
PPS
J = 5.0
K = 7.5
A = 10.0
B = 15.0
D = 22.5
F = 27.5
See
Dimension
Table
First two digits indicate the
twomostsignificantdigits
of the capacitance value in
picofarads. The third digit
is the number of following
zeros.
R = ±2.5%
J = ±5%
K = ±10%
M = ±20%
050 = 50
063 = 63
100 = 100
250 = 250
400 = 400
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - SMR7.5104K400J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SMR7.5224J100K03L16.5 KEMET-SMR7.5224J100K03L16.5 Datasheet
56Kb / 1P
   Film, Metallized PPS, Commercial Grade, SMR/F211, 0.22 uF, 5%, 100 V, 125C, Lead Spacing = 7.5mm
More results

Similar Description - SMR7.5104K400J01L4BULK

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com