Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F211BF104M050C Datasheet(PDF) 2 Page - Kemet Corporation

Part # F211BF104M050C
Description  SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F211BF104M050C Datasheet(HTML) 2 Page - Kemet Corporation

  F211BF104M050C Datasheet HTML 1Page - Kemet Corporation F211BF104M050C Datasheet HTML 2Page - Kemet Corporation F211BF104M050C Datasheet HTML 3Page - Kemet Corporation F211BF104M050C Datasheet HTML 4Page - Kemet Corporation F211BF104M050C Datasheet HTML 5Page - Kemet Corporation F211BF104M050C Datasheet HTML 6Page - Kemet Corporation F211BF104M050C Datasheet HTML 7Page - Kemet Corporation F211BF104M050C Datasheet HTML 8Page - Kemet Corporation F211BF104M050C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3072_SMR • 9/28/2016
2
Film Capacitors – General Purpose, Pulse and DC Transient Suppression
SMR Series Metallized Polyphenylene Sulfide Film, +150°C, 5.0 – 27.5 mm Lead Spacing, 50 – 400 VDC
Ordering Options Table
Lead
Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
KEMET
Lead and
Packaging
Code
Legacy
Lead and
Packaging
Code
5
Standard Lead and Packaging
Options
Bulk – Straight Leads
4.0+1/-0
C
L4BULK
Bulk – Straight Leads
16.5 ±0.5
ALG5C
L16.5CBULK
Tape & Reel (Standard Reel)
H
0= 18.5 ±0.5
L
L16.5TR18
Other Lead and Packaging Options
Ammo Pack
H
0= 18.5 ±0.5
R
L16.5TA18
Tape & Reel (Large Reel)
H
0= 18.5 ±0.5
P
L16.5LR18
7.5
Standard Lead and Packaging
Options
Bulk – Straight Leads
4.0+1/-0
C
L4BULK
Bulk – Straight Leads
16.5 ±0.5
ALG5C
L16.5CBULK
Tape & Reel (Standard Reel)
H
0= 18.5 ±0.5
L
L16.5TR18
Other Lead and Packaging Options
Ammo Pack
H
0= 18.5 ±0.5
R
L16.5TA18
Tape & Reel (Large Reel)
H
0= 18.5 ±0.5
P
L16.5LR18
Ammo Pack (P
0 = 15 mm)
H
0= 18.5 ±0.5
XLAF1
XA18
10
Standard Lead and Packaging
Options
Bulk – Straight Leads
4.0+1/-0
C
L4BULK
Bulk – Straight Leads
16.5 ±0.5
ALG5C
L16.5CBULK
Tape & Reel (Standard Reel)
H
0= 18.5 ±0.5
L
L16.5TR18
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0= 18.5 ±0.5
P
L16.5LR18
Native 10
formed to
7.5
Ammo Pack
H
0= 18.5 ±0.5
XLAF1
XA18
Tape & Reel (Standard Reel)
H
0= 18.5 ±0.5
XLTF1
XR18


Similar Part No. - F211BF104M050C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F21 ETC2-F21 Datasheet
90Kb / 2P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
F21 WINNERJOIN-F21 Datasheet
90Kb / 2P
   Underwriters Laboratory
logo
DIYI Electronic Technol...
F21 DYELEC-F21 Datasheet
2Mb / 2P
   SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microchip Technology
F21 MICROCHIP-F21 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Fox Electronics
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
More results

Similar Description - F211BF104M050C

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D Datasheet
65Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Suntan Capacitors
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
RUBYCON CORPORATION
H2D RUBYCON-H2D_15 Datasheet
187Kb / 2P
   POLYPHENYLENE SULFIDE FILM CAPACITORS
logo
Kemet Corporation
SMR27.5105K400F12L4TRAY KEMET-SMR27.5105K400F12L4TRAY Datasheet
63Kb / 1P
   SMR/F211, Film, Metallized PPS, General Purpose, 1 uF, 10%, 400 VDC, 125C, Lead Spacing = 27.5mm
logo
Illinois Capacitor, Inc...
104MLR100K ILLINOISCAPACITOR-104MLR100K Datasheet
388Kb / 2P
   Epoxy Dipped Radial Lead Metallized Polyphenylene Sulphide Film Capacitors
logo
Kemet Corporation
R75MR41504030J KEMET-R75MR41504030J Datasheet
56Kb / 1P
   Capacitor, film, 1.5 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7220JR06L2 KEMET-PHE450KF7220JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 2.2 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
PHE450KF7100JR06L2 KEMET-PHE450KF7100JR06L2 Datasheet
58Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
R76MR41004040J KEMET-R76MR41004040J Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=27.5 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com